Electronic Components Datasheet Search
  English  ▼

X  

TC1300 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1300
Description  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300 Datasheet(HTML) 3 Page - Microchip Technology

  TC1300 Datasheet HTML 1Page - Microchip Technology TC1300 Datasheet HTML 2Page - Microchip Technology TC1300 Datasheet HTML 3Page - Microchip Technology TC1300 Datasheet HTML 4Page - Microchip Technology TC1300 Datasheet HTML 5Page - Microchip Technology TC1300 Datasheet HTML 6Page - Microchip Technology TC1300 Datasheet HTML 7Page - Microchip Technology TC1300 Datasheet HTML 8Page - Microchip Technology TC1300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2002 Microchip Technology Inc.
DS21385C-page 3
TC1300
Dropout Voltage (Note 4)
VIN –VOUT
—1
70
210
30
130
390
mV
IL = 0.1 mA
IL = 100 mA
IL = 300 mA
Supply Current
ISS1
—80
160
µA
SHDN = VIH
Shutdown Supply Current
ISS2
—30
60
µA
SHDN = 0V
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f
≤ 1 kHz, CBYPASS = 1 nF
Output Short Circuit Current
IOUTSC
—
800
1200
mA
VOUT = 0V
Thermal Regulation
∆VOUT/∆PD
—
0.04
—
%/W
Note 5
Output Noise
eN
—
900
—
nV/Hz
f < 1 kHz, COUT = 1 µF,
RLOAD = 50 Ω,
CBYPASS = 1 nF
Wake-Up Time
(from Shutdown Mode)
tWK
—10
20
µsec
CIN = 1 µF, VIN = 5V,
COUT = 4.7 µF, IL = 30 mA,
See Figure 3-2
Settling Time
(from Shutdown Mode)
ts
—
50
—
µsec
CIN = 1 µF, VIN = 5V
COUT = 4.7 µF
IL = 30 mA, See Figure 3-2
Thermal Shutdown Die
Temperature
TSD
—150
—
°C
Thermal Shutdown Hysteresis
THYS
—10
—
°C
Thermal Resistance Junction to
Case
RthetaJA
—
200
—
°C/Watt EIA/JEDEC JESD51-751-7 4-
Layer Board
SHDN Input High Threshold
VIH
45
——
%VIN VIN = 2.5V to 6.0V
SHDN Input Low Threshold
VIL
——
15
%VIN
VIN = 2.5V to 6.0V
ELECTRICAL CHARACTERISTICS (CONTINUED)
VIN = VOUT + 1V, IL = 0.1 mA, CL = 3.3 µF, SHDN > VIH, TA = 25°C, unless otherwise noted. BOLDFACE type specifications apply
for junction temperature (Note 8) of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: VR is the regulator output voltage setting.
2:
3: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at a 1V differential.
5: Thermal Regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to IL
MAX
at VIN = 6V for t = 10 msec.
6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem-
perature and the thermal resistance from junction-to-air (i.e. TA, TJ, θJA). Exceeding the maximum allowable power dissi-
pation causes the device to initiate thermal shutdown. Please see Section 4.0, “Thermal Considerations”, of this data
sheet for more details.
7: The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ (VR + VDROPOUT).
8: The junction temperature of the device is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is small enough such that the rise in the junction temperature
over the ambient temperature is not significant.
TCVOUT
VOUTMAX VOUTMIN
–
() 10
6
×
VOUT
T
∆
×
--------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com