Electronic Components Datasheet Search
  English  ▼

X  

TC1300 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1300
Description  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1300 Datasheet HTML 2Page - Microchip Technology TC1300 Datasheet HTML 3Page - Microchip Technology TC1300 Datasheet HTML 4Page - Microchip Technology TC1300 Datasheet HTML 5Page - Microchip Technology TC1300 Datasheet HTML 6Page - Microchip Technology TC1300 Datasheet HTML 7Page - Microchip Technology TC1300 Datasheet HTML 8Page - Microchip Technology TC1300 Datasheet HTML 9Page - Microchip Technology TC1300 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1300
DS21385C-page 6
 2002 Microchip Technology Inc.
2.0 TYPICAL CHARACTERISTICS (CON’T)
Junction temperature (TJ) is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-7:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-8:
Reset Voltage Threshold vs.
Junction Temperature.
FIGURE 2-9:
Load Regulation vs.
Temperature.
FIGURE 2-10:
Dropout Voltage vs. Load
Current (5.0V).
FIGURE 2-11:
Wake-Up Response Time.
FIGURE 2-12:
VDET to Reset Delay vs.
Temperature.
0
15
30
45
60
10
100
1000
10000
100000 1000000
Frequency (Hz)
VIN = 3.8V
VOUT = 2.8V
IOUT = 50 mA
COUT = 10 µF
COUTesr = 0.25
CBYPASS = 0 µF
1k
10k
100k
1M
2.6275
2.6280
2.6285
2.6290
2.6295
2.6300
2.6305
2.6310
2.6315
2.6320
2.6325
2.6330
-40 -25 -10 5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
-40 -25 -10
5
20
35 50 65
80 95 110 125
Junction Temperature (°C)
VIN = VOUT + 1V
VOUT = 3.0V
VOUT = 2.5V
VOUT = 5.0V
0
0.05
0.1
0.15
0.2
0.25
0.3
0
100
200
300
400
Load Current (mA)
TJ = +125°C
TJ = -40°C
TJ = +25°C
VOUT = 5.0V
0
50
100
150
200
250
300
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
10 mV Overdrive
100 mV Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com