Electronic Components Datasheet Search
  English  ▼

X  

TC1300 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1300
Description  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1300 Datasheet HTML 6Page - Microchip Technology TC1300 Datasheet HTML 7Page - Microchip Technology TC1300 Datasheet HTML 8Page - Microchip Technology TC1300 Datasheet HTML 9Page - Microchip Technology TC1300 Datasheet HTML 10Page - Microchip Technology TC1300 Datasheet HTML 11Page - Microchip Technology TC1300 Datasheet HTML 12Page - Microchip Technology TC1300 Datasheet HTML 13Page - Microchip Technology TC1300 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1300
DS21385C-page 10
 2002 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Part Number
Marking Code
(XXXXXX)
TC1300R - 2.5VUA
1300RA
TC1300Y - 2.7VUA
1300YF
TC1300R - 2.8VUA
1300RB
TC1300R - 2.85VUA
1300RC
TC1300R - 3.0VUA
1300RD
TC1300R - 3.3VUA
1300RE
8-Lead MSOP
Example:
XXXXXX
YWWNNN
1300RA
YWWNNN
Legend:
XX...X Customer specific information*
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com