Electronic Components Datasheet Search
  English  ▼

X  

WM8524 Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8524 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8524 Datasheet HTML 10Page - Cirrus Logic WM8524 Datasheet HTML 11Page - Cirrus Logic WM8524 Datasheet HTML 12Page - Cirrus Logic WM8524 Datasheet HTML 13Page - Cirrus Logic WM8524 Datasheet HTML 14Page - Cirrus Logic WM8524 Datasheet HTML 15Page - Cirrus Logic WM8524 Datasheet HTML 16Page - Cirrus Logic WM8524 Datasheet HTML 17Page - Cirrus Logic WM8524 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
WM8524
Production Data
w
PD, Rev 4.1, October 2011
14
Figure 8 I
2S Justified Audio Interface (assuming n-bit word length)
DIGITAL AUDIO DATA SAMPLING RATES
The external master clock is applied directly to the MCLK input pin. In a system where there are a
number of possible sources for the reference clock, it is recommended that the clock source with the
lowest jitter be used for the master clock to optimise the performance of the WM8524.
The WM8524 has a detection circuit that automatically determines the relationship between the
master clock frequency (MCLK) and the sampling rate (LRCLK), to within ±32 system clock periods.
The MCLK must be synchronised with the LRCLK, although the device is tolerant of phase variations
or jitter on the MCLK.
If during sample rate change the ratio between MCLK and LRCLK varies more than once within 1026
LRCLK periods, then it is recommended that the device be taken into the standby state or the off
state before the sample rate change and held in standby until the sample rate change is complete.
This will ensure correct operation of the detection circuit on the return to the enabled state. For details
on the standby state, please refer to the Power up and down control section of the datasheet on page
16.
The DAC supports MCLK to LRCLK ratios of 128fs to 1152fs and sampling rates of 8kHz to 192kHz.
Table 3 shows typical master clock frequencies and sampling rates supported by the WM8524 DAC.
Sampling Rate
LRCLK
MASTER CLOCK FREQUENCY (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
8kHz
Unavailable
Unavailable
2.048
3.072
4.096
6.144
9.216
32kHz
Unavailable
Unavailable
8.192
12.288
16.384
24.576
36.864
44.1kHz
Unavailable
Unavailable
11.2896
16.9344
22.5792
33.8688
Unavailable
48kHz
Unavailable
Unavailable
12.288
18.432
24.576
36.864
Unavailable
88.2kHz
11.2896
16.9344
22.5792
33.8688
Unavailable
Unavailable
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
Unavailable
176.4kHz
22.5792
33.8688
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
Table 3 MCLK Frequencies and Audio Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com