Electronic Components Datasheet Search
  English  ▼

X  

WM8524 Datasheet(PDF) 17 Page - Cirrus Logic

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8524 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button WM8524 Datasheet HTML 13Page - Cirrus Logic WM8524 Datasheet HTML 14Page - Cirrus Logic WM8524 Datasheet HTML 15Page - Cirrus Logic WM8524 Datasheet HTML 16Page - Cirrus Logic WM8524 Datasheet HTML 17Page - Cirrus Logic WM8524 Datasheet HTML 18Page - Cirrus Logic WM8524 Datasheet HTML 19Page - Cirrus Logic WM8524 Datasheet HTML 20Page - Cirrus Logic WM8524 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Production Data
WM8524
w
PD, Rev 4.1, October 2011
17
POWER DOMAINS
DAC L/R
Line Driver
LDO
DC Servo
Charge
Pump
POR
Digital
Core
Device
AGND
LINEGND
LINEVDD
AVDD
Supply Rail 2.97V … 3.63V
Ground Rail
Digital
Input Pins
Figure 10 Power Domain Diagram
POWER DOMAIN
NAME
BLOCKS USING
THIS DOMAIN
DOMAIN DESCRIPTION
DAC Power Supplies
3.3V ± 10%
AVDD
Line Driver
DAC
DC Servo
Analogue Supply
3.3V ± 10%
LINEVDD
Charge Pump
Digital LDO
Digital Pad buffers
Analogue Supply
Internally Generated Power Supplies and References
1.65V ± 10%
VMID
DAC, LDO
Ext decoupled resistor string
-3.3V ± 10%
CPVOUTN
Line Driver
Charge pump generated voltage
Table 5 Power Domains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com