Electronic Components Datasheet Search
  English  ▼

X  

WM8524 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8524 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8524 Datasheet HTML 1Page - Cirrus Logic WM8524 Datasheet HTML 2Page - Cirrus Logic WM8524 Datasheet HTML 3Page - Cirrus Logic WM8524 Datasheet HTML 4Page - Cirrus Logic WM8524 Datasheet HTML 5Page - Cirrus Logic WM8524 Datasheet HTML 6Page - Cirrus Logic WM8524 Datasheet HTML 7Page - Cirrus Logic WM8524 Datasheet HTML 8Page - Cirrus Logic WM8524 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
WM8524
Production Data
w
PD, Rev 4.1, October 2011
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
LINEVOUTL
Analogue Out
Left line output
2
CPVOUTN
Analogue Out
Charge Pump negative rail decoupling pin
3
CPCB
Analogue Out
Charge Pump fly back capacitor pin
4
LINEGND
Supply
Charge Pump ground
5
CPCA
Analogue Out
Charge Pump fly back capacitor pin
6
LINEVDD
Supply
Charge Pump supply
7
DACDAT
Digital In
Digital audio interface data input
8
LRCLK
Digital In
Digital audio interface left/right clock
9
BCLK
Digital In
Digital audio interface bit clock
10
MCLK
Digital In
Master clock
11
MUTE
¯¯¯¯¯
Digital In
0 = Mute enabled
1 = Mute disabled
12
AIFMODE
Digital In
Tri-level
0 = 24-bit Left Justified
1 = 24-bit I
2S
Z = 24-bit Right Justified
13
AGND
Supply
Analogue ground
14
VMID
Analogue Out
Analogue midrail decoupling pin
15
AVDD
Supply
Analogue supply
16
LINEVOUTR
Analogue Out
Right line output
Note:
Tri-level pins which require the ‘Z’ state to be selected should be left floating (open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com