Electronic Components Datasheet Search
  English  ▼

X  

WM8740 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 5 Page - Cirrus Logic

  WM8740 Datasheet HTML 1Page - Cirrus Logic WM8740 Datasheet HTML 2Page - Cirrus Logic WM8740 Datasheet HTML 3Page - Cirrus Logic WM8740 Datasheet HTML 4Page - Cirrus Logic WM8740 Datasheet HTML 5Page - Cirrus Logic WM8740 Datasheet HTML 6Page - Cirrus Logic WM8740 Datasheet HTML 7Page - Cirrus Logic WM8740 Datasheet HTML 8Page - Cirrus Logic WM8740 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
5
PIN
NAME
TYPE
DESCRIPTION
Hardware Mode
Software
Mode
Normal Mode
Differential Mode
8X Mode
23
CSBIWO
Digital input
Internal pull-down
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 20-bit data.
High for 24-bit data.
Low for
serial
interface
operation.
24
MODE
Digital input
Internal pull-up
Low for hardware
mode.
Low for left
mono mode.
High for right
mono mode
DINR
High for
software
mode.
25
MUTEB
Digital input
Internal pull-up
Low to soft mute.
High for normal
operation.
Low to soft mute.
High for normal
operation.
Low to soft mute.
High for normal
operation.
Low to
soft mute.
High for
normal
operation.
26
MD/DM0
Digital input
Internal pull-up
De-emphasis mode
select bit 0.
Low for no
de-emphasis.
High for 44.1kHz
de-emphasis.
LRP – LRCLK
polarity select.
Control serial
interface
data signal.
27
MC/DM1
Digital input
Internal pull-up
De-emphasis mode
select bit 1.
Low for normal filter
operation.
High for filter slow
roll-off.
Unused.
Leave unconnected.
Control serial
interface
clock signal.
28
ML/I2S
Digital input
Internal pull-up
Audio serial format:
Low – right justified.
High – I2S.
Audio serial format:
Low – right justified.
High – I2S.
Input data format:
Low – right justified.
High – left justified.
Control serial
interface
load signal.
Note: Digital input pins have Schmitt trigger input buffers.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7.0V
Input
GND -0.3V
VDD + 0.3V
Operating temperature range, TA
-40°C
+85°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Note: It is strongly recommended that AVDD, AVDDL and AVDDR are tied together. AGND, AGNDL and AGND right
must also be tied together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com