Electronic Components Datasheet Search
  English  ▼

X  

WM8740 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8740 Datasheet HTML 1Page - Cirrus Logic WM8740 Datasheet HTML 2Page - Cirrus Logic WM8740 Datasheet HTML 3Page - Cirrus Logic WM8740 Datasheet HTML 4Page - Cirrus Logic WM8740 Datasheet HTML 5Page - Cirrus Logic WM8740 Datasheet HTML 6Page - Cirrus Logic WM8740 Datasheet HTML 7Page - Cirrus Logic WM8740 Datasheet HTML 8Page - Cirrus Logic WM8740 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital input
Sample rate clock input.
2
DIN
Digital input
Audio data serial input (except in 8XMODE when it is DINL).
3
BCKIN
Digital input
Audio data bit clock input .
4
MODE8X
Digital input
Internal pull-down, active high, 8 x fs mode.
5
SCLK
Digital input
System clock input.
6
DIFFHW
Digital input
Internal pull-down, active high, differential mono mode.
7
DGND
Supply
Digital ground supply.
8
DVDD
Supply
Digital positive supply.
9
AVDDR
Supply
Analogue positive supply.
10
AGNDR
Supply
Analogue ground supply.
11
VMIDR
Analogue output
Mid rail right channel.
12
VOUTRP
Analogue output
Right channel DAC output positive.
13
VOUTRN
Analogue output
Right channel DAC output negative.
14
AGND
Supply
Analogue ground supply.
15
AVDD
Supply
Analogue positive supply.
16
VOUTLN
Analogue output
Left channel DAC output negative.
17
VOUTLP
Analogue output
Left channel DAC output positive.
18
VMIDL
Analogue output
Mid rail left channel.
19
AGNDL
Supply
Analogue ground supply.
20
AVDDL
Supply
Analogue positive supply.
21
ZERO
Digital output
Infinite zero detect – active low. Open drain type output with active pull-down.
22
RSTB
Digital input
Reset input – active low. Internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com