Electronic Components Datasheet Search
  English  ▼

X  

WM8740 Datasheet(PDF) 19 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button WM8740 Datasheet HTML 15Page - Cirrus Logic WM8740 Datasheet HTML 16Page - Cirrus Logic WM8740 Datasheet HTML 17Page - Cirrus Logic WM8740 Datasheet HTML 18Page - Cirrus Logic WM8740 Datasheet HTML 19Page - Cirrus Logic WM8740 Datasheet HTML 20Page - Cirrus Logic WM8740 Datasheet HTML 21Page - Cirrus Logic WM8740 Datasheet HTML 22Page - Cirrus Logic WM8740 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
19
SOFTWARE DIFFERENTIAL MONO MODE
To control the WM8740 in software differential mode register M4 must be written to. A ‘key’ register
write must be made to register M2 to allow access to register M4 which is ‘locked’ as default. Bits B5
to B8 of register M2 must be set to ‘1’ (0x01e0).
With register M4 ‘unlocked’, bits B4 and B5 may be used to set the required differential output mode;
normal stereo, reversed stereo, mono left or mono right, as shown in Table 18.
DIFF[1:0]
B[5:4])
DIFFERENTIAL OUTPUT MODE
00
Stereo
10
Stereo reverse.
01
Mono left – differential outputs.
VOUTLP (17) is left channel.
VOUTLN (16) is left channel inverted.
VOUTRP (12) is left channel inverted.
VOUTRN (13) is left channel.
11
Mono right – differential outputs.
VOUTLP (17) is right channel inverted.
VOUTLN (16) is right channel.
VOUTRP (12) is right channel.
VOUTRN (13) is right channel inverted.
Table 18 Differential Output Modes
Using these controls a pair of WM8740 devices may be used to build a dual differential stereo
implementation with higher performance and differential output.
Note: DIFFHW mode pin may be used to achieve the same result by hardware means.
CLOCK LOSS DETECTOR DISABLE
CDD (REG4, B6)
L
Clock loss detector on
R
Clock loss detector off
Table 19 Clock Loss Detector Disable
When the system clock is inactive for approximately 100
μs, the clock loss detector circuit detects the
loss of clock and the analogue circuitry is forced into a mute condition and the digital filters reset.
Setting the CDD bit disables this behaviour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com