Electronic Components Datasheet Search
  English  ▼

X  

WM8740 Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8740 Datasheet HTML 19Page - Cirrus Logic WM8740 Datasheet HTML 20Page - Cirrus Logic WM8740 Datasheet HTML 21Page - Cirrus Logic WM8740 Datasheet HTML 22Page - Cirrus Logic WM8740 Datasheet HTML 23Page - Cirrus Logic WM8740 Datasheet HTML 24Page - Cirrus Logic WM8740 Datasheet HTML 25Page - Cirrus Logic WM8740 Datasheet HTML 26Page - Cirrus Logic WM8740 Datasheet HTML 27Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
24
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
28
DVDD
DGND
ML/I2S
AGND
AVDDL
AVDD
11
VMIDR
C 1
1
C 1
0
C
9
AGND
8
7
Software I/F or
Hardware Control
WM8740
Notes: 1.
AGND and DGND should be connected as close to the WM8740 as possible.
2. C
2
to
C 5
,
C 9
and C 1
1
should be positioned as close to the WM8740 as possible.
3.
Capacitor type used can have a big effect on device performance. It is
recommended that capacitors with very low ESR are used and that ceramics are
either NPO or COG type material to achieve best performance from the WM8740.
AVDDR
AGNDR
AGNDL
C
3
C
4
C
5
C
6
AGND
C
2
DVDD
C
1
27
MC/DM1
26
MD/DM0
23
CSB/IWO
22
RSTB
4
MODE8X
6
DIFFHW
21
ZERO
AVDD
AVDD
R
1
18
VMIDL
C 1
2
1
LRCIN
2
DIN
3
BCKIN
5
SCLK
Audio Serial Data I/F
System Clock Input
DGND
+
+
+
+
15
9
20
14
10
19
24
MODE
25
MUTEB
VOUTRN
VOUTRP
-
-
+
+
13
12
LEFT OUTPUT DATA
RIGHT OUTPUT DATA
VOUTLP
17
VOUTLN
16
R
2
R
2
Figure 25 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C6
10
μF
De-coupling for DVDD and AVDD.
C2 to C5
0.1
μF
De-coupling for DVDD and AVDD.
C7 and C8
10
μF
Output AC coupling caps to remove VMID DC level from outputs.
C9 and C11
0.1
μF
Reference de-coupling capacitors for VMIDR and VMIDL.
C10 and C12
10
μF
R1
10k
Ω
Resistor to AVDD for open drain output operation.
R2
51
Ω
Source termination resistors.
Table 21 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com