Electronic Components Datasheet Search
  English  ▼

X  

WM8740 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8740 Datasheet HTML 5Page - Cirrus Logic WM8740 Datasheet HTML 6Page - Cirrus Logic WM8740 Datasheet HTML 7Page - Cirrus Logic WM8740 Datasheet HTML 8Page - Cirrus Logic WM8740 Datasheet HTML 9Page - Cirrus Logic WM8740 Datasheet HTML 10Page - Cirrus Logic WM8740 Datasheet HTML 11Page - Cirrus Logic WM8740 Datasheet HTML 12Page - Cirrus Logic WM8740 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
9
INTERNAL POWER ON RESET CIRCUIT
Power On Reset
Circuit
10K
10K
Figure 4 Internal Power On Reset Circuit Schematic
The WM8740 includes an internal Power On Reset Circuit which is used reset the digital logic into a
default state after power up.
Figure 4 shows a schematic of the internal POR circuit. The POR circuit is powered from AVDD. The
circuit monitors DVDD and VMIDL and asserts PORB low if DVDD or VMIDL are below the minimum
threshold Vpor_off.
On power up, the POR circuit requires AVDD to be present to operate. PORB is asserted low until
AVDD and DVDD and VMIDL are established. When AVDD, DVDD, and VMIDL have been
established, PORB is released high, all registers are in their default state and writes to the digital
interface may take place.
On power down, PORB is asserted low whenever DVDD or VMIDLL drop below the minimum
threshold Vpor_off.
If AVDD is removed at any time, the internal Power On Reset circuit is powered down and PORB will
follow AVDD.
In most applications the time required for the device to release PORB high will be determined by the
charge time of the VMIDLL node.
Figure 5 Typical Power Up Sequence where DVDD is Powered before AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com