Electronic Components Datasheet Search
  English  ▼

X  

ADG3247BCP Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3247BCP
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247BCP Datasheet(HTML) 4 Page - Analog Devices

  ADG3247BCP Datasheet HTML 1Page - Analog Devices ADG3247BCP Datasheet HTML 2Page - Analog Devices ADG3247BCP Datasheet HTML 3Page - Analog Devices ADG3247BCP Datasheet HTML 4Page - Analog Devices ADG3247BCP Datasheet HTML 5Page - Analog Devices ADG3247BCP Datasheet HTML 6Page - Analog Devices ADG3247BCP Datasheet HTML 7Page - Analog Devices ADG3247BCP Datasheet HTML 8Page - Analog Devices ADG3247BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrD
ADG3247
–4–
TERMINOLOGY
VCC
Positive Power Supply Voltage
GND
Ground (0 V) Reference
VINH
Minimum Input Voltage for Logic 1
VINL
Maximum Input Voltage for Logic 0
II
Input Leakage Current at the Control Inputs
IOZ
OFF State Leakage Current. It is the maximum leakage current at the switch pin in the OFF state.
IOL
ON State Leakage Current. It is the maximum leakage current at the switch pin in the ON state.
VP
Max Pass Voltage. The max pass voltage relates to the clamped output voltage of an NMOS device when the switch
input voltage is equal to the supply voltage.
RON
Ohmic Resistance Offered by a Switch in the ON State. It is measured at a given voltage by forcing a specified
amount of current through the switch.
RON
On Resistance Match between Any Two Channels, i.e., RON Max – RON Min
CX OFF
OFF Switch Capacitance
CX ON
ON Switch Capacitance
CIN
Control Input Capacitance. This consists of
BEx and SEL.
ICC
Quiescent Power Supply Current. It is measured when all control inputs are at a logic HIGH or LOW level and
the switches are OFF.
ICC
Extra Power Supply Current Component per each
BEx Control Input when the Input is not Driven at the Supplies.
tPLH, tPHL
Data Propagation Delay through the Switch in the ON State. Propagation delay is related to the RC time constant
RON
CL, where CL is the load capacitance.
tPZH, tPZL
Bus Enable Times. These are the times taken to cross the VT voltage at the switch output when the switch turns on
in response to the control signal,
BEx.
tPHZ, tPLZ
Bus Disable Times. These are the times taken to place the switch in the high impedance OFF state in response to the
control signal. They are measured as the time taken for the output voltage to change by V from the original quiescent
level, with reference to the logic level transition at the control input. (Refer to Figure 3 for enable and disable times.)
Max Data Rate
Maximum Rate at which Data Can Be Passed through the Switch
Channel Jitter
Peak-to-Peak Value of the Sum of the Deterministic and Random Jitter of the Switch Channel
fBE
Operating Frequency of Bus Enable. This is the maximum frequency at which Bus Enable (BE) can be toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com