Electronic Components Datasheet Search
  English  ▼

X  

ADG3247BCP Datasheet(PDF) 8 Page - Analog Devices

Part # ADG3247BCP
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG3247BCP Datasheet HTML 4Page - Analog Devices ADG3247BCP Datasheet HTML 5Page - Analog Devices ADG3247BCP Datasheet HTML 6Page - Analog Devices ADG3247BCP Datasheet HTML 7Page - Analog Devices ADG3247BCP Datasheet HTML 8Page - Analog Devices ADG3247BCP Datasheet HTML 9Page - Analog Devices ADG3247BCP Datasheet HTML 10Page - Analog Devices ADG3247BCP Datasheet HTML 11Page - Analog Devices ADG3247BCP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrD
ADG3247
–8–
VCC
VIN
VOUT
CL
RL
RL
SW1
GND
OPEN
2
VCC
RT
D.U.T.
PULSE
GENERATOR
NOTES
PULSE GENERATOR FOR ALL PULSES:
t
R
2.5ns,
tF 2.5ns,
FREQUENCY
10MHz.
CL INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES.
RT IS THE TERMINATION RESISTOR, SHOULD BE EQUAL TO ZOUT
OF THE PULSE GENERATOR.
Figure 1. Load Circuit
SWITCH INPUT
0V
t
PHL
OUTPUT
VT
VIH
VH
VT
VL
t
PLH
Figure 2. Propagation Delay
For the following load circuit and waveforms, the notation that is
used is VIN and VOUT where:
VV and V
V
or
VV and V
V
IN
A
OUT
B
IN
B
OUT
A
==
==
Test Conditions
Symbol
VCC = 3.3 V
± 0.3 V (SEL = V
CC)
VCC = 2.5 V
± 0.2 V (SEL = V
CC)
VCC = 3.3 V
± 0.3 V (SEL = 0 V) Unit
RL
500
500
500
Ω
V∆
300
150
150
mV
CL
50
30
30
pF
VT
1.5
0.9
0.9
V
ENABLE
DISABLE
CONTROL INPUT
BEx
VIN = 0V
VIN = VCC
VOUT
SW1 @ 2VCC
VOUT
SW1 @ GND
tPLZ
tPZH
tPHZ
tPZL
VT
0V
VCC
VT
VH
VH –V
VL
VL + V
VCC
0V
VT
VINH
0V
Figure 3. Enable and Disable Times
TIMING MEASUREMENT INFORMATION
Table III. Switch Position
TEST
S1
tPLZ, tPZL
2
VCC
tPHZ, tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com