Electronic Components Datasheet Search
  English  ▼

X  

ADG3247BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADG3247BCP
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG3247BCP Datasheet HTML 4Page - Analog Devices ADG3247BCP Datasheet HTML 5Page - Analog Devices ADG3247BCP Datasheet HTML 6Page - Analog Devices ADG3247BCP Datasheet HTML 7Page - Analog Devices ADG3247BCP Datasheet HTML 8Page - Analog Devices ADG3247BCP Datasheet HTML 9Page - Analog Devices ADG3247BCP Datasheet HTML 10Page - Analog Devices ADG3247BCP Datasheet HTML 11Page - Analog Devices ADG3247BCP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrD
ADG3247
–9–
BUS SWITCH APPLICATIONS
Mixed Voltage Operation, Level Translation
Bus switches can be used to provide an ideal solution for inter-
facing between mixed voltage systems. The ADG3247 is suitable
for applications where voltage translation from 3.3 V technology to
a lower voltage technology is needed. This device can translate
from 3.3 V to 1.8 V, from 2.5 V to 1.8 V, or bidirectionally from
3.3 V directly to 2.5 V.
Figure 4 shows a block diagram of a typical application in which a
user needs to interface between a 3.3 V ADC and a 2.5 V micro-
processor. The microprocessor may not have 3.3 V tolerant inputs;
therefore placing the ADG3247 between the two devices allows the
devices to communicate easily. The bus switch directly connects
the two blocks, thus introducing minimal propagation delay,
timing skew, or noise.
3.3V ADC
2.5V
3.3V
2.5V
MICROPROCESSOR
3.3V
Figure 4. Level Translation between a 3.3 V ADC
and a 2.5 V Microprocessor
3.3 V to 2.5 V Translation
When VCC is 3.3 V (SEL = VCC) and the input signal range is 0 V
to VCC, the maximum output signal will be clamped to within
a voltage threshold below the VCC supply.
ADG3247
2.5V
2.5V
3.3V
2.5V
3.3V
Figure 5. 3.3 V to 2.5 V Voltage Translation,
SEL = V
CC
In this case, the output will be limited to 2.5 V, as shown in
Figure 6.
VIN
2.5V
VOUT
0V
3.3V
SWITCH
INPUT
3.3V SUPPLY
SEL = 3.3V
Figure 6. 3.3 V to 2.5 V Voltage Translation,
SEL = V
CC
This device can be used for translation from 2.5 V to 3.3 V
devices, and also between two 3.3 V devices.
2.5 V to 1.8 V Translation
When VCC is 2.5 V (SEL = VCC) and the input signal range is 0 V
to VCC, the maximum output signal will, as before, be clamped
to within a voltage threshold below the VCC supply.
ADG3247
1.8V
2.5V
2.5V
Figure 7. 2.5 V to 1.8 V Voltage Translation,
SEL = V
CC
In this case, the output will be limited to approximately 1.8 V,
as shown in Figure 7.
VIN
1.8V
VOUT
0V
2.5V
SWITCH
INPUT
2.5V SUPPLY
SEL = 2.5V
Figure 8. 2.5 V to 1.8 V Voltage Translation,
SEL = V
CC
3.3 V to 1.8 V Translation
The ADG3247 offers the option of interfacing between a 3.3 V
device and a 1.8 V device. This is possible through use of the
SEL pin.
SEL pin: An active low control pin. SEL activates internal
circuitry in the ADG3247 that allows voltage translation between
3.3 V devices and 1.8 V devices.
ADG3247
1.8V
3.3V
3.3V
Figure 9. 3.3 V to 1.8 V Voltage Translation,
SEL = 0 V
When VCC is 3.3 V and the input signal range is 0 V to VCC, the
maximum output signal will be clamped to 1.8 V, as shown in
Figure 9. To do this, the
SEL pin must be tied to Logic 0. If
SEL is unused, it should be tied directly to V
CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com