Electronic Components Datasheet Search
  English  ▼

X  

ADG3247BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADG3247BCP
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247BCP Datasheet(HTML) 5 Page - Analog Devices

  ADG3247BCP Datasheet HTML 1Page - Analog Devices ADG3247BCP Datasheet HTML 2Page - Analog Devices ADG3247BCP Datasheet HTML 3Page - Analog Devices ADG3247BCP Datasheet HTML 4Page - Analog Devices ADG3247BCP Datasheet HTML 5Page - Analog Devices ADG3247BCP Datasheet HTML 6Page - Analog Devices ADG3247BCP Datasheet HTML 7Page - Analog Devices ADG3247BCP Datasheet HTML 8Page - Analog Devices ADG3247BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrD
Typical Performance Characteristics–ADG3247
–5–
VA/VB – V
0
0
0.5
TA = 25 C
SEL = V
CC
5
10
15
20
25
30
35
40
1.5
2.5
3.5
VCC = 3V
VCC = 3.3V
VCC = 3.6V
3.0
2.0
1.0
TPC 1. On Resistance vs.
Input Voltage
VA/VB – V
0
0
0.5
5
10
15
20
1.5
2.0
1.0
25 C
85 C
40 C
= 3.3V
SEL = V
CC
VCC
TPC 4. On Resistance vs. Input
Voltage for Different Temperatures
VCC – V
0
0
0.5
0.5
1.5
2.5
1.5
2.5
VCC = 2.7V
VCC = 2.5V
VCC = 2.3V
TA = 25 C
SEL = V
CC
IO = –5 A
2.0
1.0
1.0
2.0
3.0
TPC 7. Pass Voltage vs. VCC
VA/VB – V
0
0
0.5
5
10
15
20
25
30
35
40
1.5
2.5
VCC = 2.3V
VCC = 2.5V
VCC = 2.7V
TA = 25 C
SEL = V
CC
3.0
2.0
1.0
TPC 2. On Resistance vs.
Input Voltage
VA/VB – V
0
00.5
5
10
15
85 C
25 C
1.0
40 C
= 2.5V
SEL = V
CC
VCC
1.2
TPC 5. On Resistance vs. Input
Voltage for Different Temperatures
VCC – V
0
0
0.5
0.5
1.5
2.5
1.5
2.5
VCC = 3.6V
VCC = 3.3V
VCC = 3V
3.5
TA = 25 C
SEL = 0V
IO = –5 A
2.0
1.0
1.0
2.0
3.0
TPC 8. Pass Voltage vs. VCC
VA/VB – V
0
0
0.5
5
10
15
20
25
30
35
40
1.5
2.5
VCC = 3V
VCC = 3.3V
VCC = 3.6V
3.5
TA = 25 C
SEL = 0V
1.0
2.0
3.0
TPC 3. On Resistance vs.
Input Voltage
VCC – V
0
0
0.5
0.5
1.5
2.5
1.5
2.5
3.5
VCC = 3.6V
VCC = 3.3V
VCC = 3V
3.0
2.0
1.0
1.0
2.0
3.0
TA = 25 C
SEL = V
CC
IO = –5 A
TPC 6. Pass Voltage vs. VCC
ENABLE FREQUENCY – MHz
0
02
4
200
68
10
TA = 25 C
12
VCC = 3.3V, SEL = 0V
14 16
18 20
400
600
800
1000
1200
1400
1600
1800
VCC = SEL = 3.3V
VCC = SEL = 2.5V
TPC 9. ICC vs. Enable Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com