Electronic Components Datasheet Search
  English  ▼

X  

ADG3247BCP Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3247BCP
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247BCP Datasheet(HTML) 1 Page - Analog Devices

  ADG3247BCP Datasheet HTML 1Page - Analog Devices ADG3247BCP Datasheet HTML 2Page - Analog Devices ADG3247BCP Datasheet HTML 3Page - Analog Devices ADG3247BCP Datasheet HTML 4Page - Analog Devices ADG3247BCP Datasheet HTML 5Page - Analog Devices ADG3247BCP Datasheet HTML 6Page - Analog Devices ADG3247BCP Datasheet HTML 7Page - Analog Devices ADG3247BCP Datasheet HTML 8Page - Analog Devices ADG3247BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
REV. PrD
ADG3247
2.5 V/3.3 V, 16-Bit, 2-Port
Level Translating, Bus Switch
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
225 ps Propagation Delay through the Switch
4.5
Switch Connection between Ports
Data Rate 1.244 Gbps
2.5 V/3.3 V Supply Operation
Selectable Level Shifting/Translation
Small Signal Bandwidth 610 MHz
Level Translation
3.3 V to 2.5 V
3.3 V to 1.8 V
2.5 V to 1.8 V
40-Lead 6 mm
6 mm LFCSP and 38-Lead TSSOP
Packages
APPLICATIONS
3.3 V to 1.8 V Voltage Translation
3.3 V to 2.5 V Voltage Translation
2.5 V to 1.8 V Voltage Translation
Bus Switching
Bus Isolation
Hot Plug
Hot Swap
Analog Switching Applications
FUNCTIONAL BLOCK DIAGRAM
A7
B7
BE1
A0
B0
A15
B15
BE2
A8
B8
GENERAL DESCRIPTION
The ADG3247 is a 2.5 V or 3.3 V 16-bit, 2-port digital switch.
It is designed on Analog Devices’ low voltage CMOS process,
which provides low power dissipation yet gives high switching
speed and very low on resistance, allowing inputs to be connected
to outputs without additional propagation delay or generating
additional ground bounce noise.
The ADG3247 is organized as dual 8-bit bus switches with
separate Bus Enable (
BEx) inputs. This allows the device to be
used as two 8-bit digital switches or one 16-bit bus switch. These
bus switches allow bidirectional signals to be switched when ON.
In the OFF condition, signal levels up to the supplies are blocked.
This device is ideal for applications requiring level translation.
When operated from a 3.3 V supply, level translation from 3.3 V
inputs to 2.5 V outputs occurs. Similarly, if the device is operated
from a 2.5 V supply and 2.5 V inputs are applied, the device will
translate the outputs to 1.8 V. In addition to this, the ADG3247
has a level translating select pin (
SEL). When SEL is low, V
CC is
reduced internally, allowing for level translation between 3.3 V
inputs and 1.8 V outputs. This makes the device suited to appli-
cations requiring level translation between different supplies, such
as converter to DSP/microcontroller interfacing.
PRODUCT HIGHLIGHTS
1. 3.3 V or 2.5 V supply operation
2. Extremely low propagation delay through switch
3. 4.5
Ω switches connect inputs to outputs
4. Level/voltage translation
5. 40-lead 6 mm
6 mm LFCSP and 38-lead TSSOP packages


Similar Part No. - ADG3247BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3247BCP AD-ADG3247BCP Datasheet
391Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247BCP-REEL7 AD-ADG3247BCP-REEL7 Datasheet
391Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
More results

Similar Description - ADG3247BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV.0
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247BRUZ AD-ADG3247BRUZ Datasheet
391Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247 AD-ADG3247_15 Datasheet
390Kb / 12P
2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3246 AD-ADG3246_V01 Datasheet
651Kb / 17P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com