Electronic Components Datasheet Search
  English  ▼

X  

CS7250B Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS7250B Datasheet HTML 2Page - Cirrus Logic CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic CS7250B Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
DS1072PP1
CS7250B
3 Characteristics and Specifications
Table 3-4. Acoustic and Electrical Characteristics
Test conditions (unless specified otherwise):
VDD = 1.8 V, GND = 0 V, CLK = 3.072 MHz, TA = +25ºC, 55 ±15% RH, 1-kHz, 94 dB SPL test signal, no load on DATA pin.
Parameter 1
1.Performance measurements are specified with a low-pass brick-wall filter and, where noted, an A-weighted filter. The low-pass filter removes
out-of-band noise. The Low Power Mode is measured with a cut-off frequency of 8 kHz; all other measurements are with a 20 kHz cut-off frequency.
Min
Typ
Max
Units
General characteristics
Directivity
Omnidirectional
—
Polarity
Positive sound pressure
Increasing density of 1s
—
Sensitivity 2
2.Sensitivity is measured at production test 0.9 s after power up.
–37
–36
–35
dBFS
High Performance Mode
(CLK = 3.072 MHz)
Acoustic overload
THD < 10%
—
131
—
dB SPL
THD
94 dB SPL
125 dB SPL
—
—
0.2
1
—
—
%
%
SNR
A-weighted
—
66
—
dB
DR
A-weighted
—
103
—
dB
Acoustic noise floor
A-weighted
—
28
—
dB SPL
Electrical noise floor
A-weighted
—
–102
—
dBFS
PSR (with respect to VDD)
100 mV p-p, swept sine wave,
20 Hz–20 kHz, A-weighted
—
–90
—
dBFS
Low Power Mode
(CLK = 768 kHz)
Acoustic overload
THD < 10%
—
120
—
dB SPL
THD
117 dB SPL
—
1
—
%
SNR
20Hz–8kHz, A-weighted
—
62
—
dB
DR
20 Hz–8 kHz, A-weighted
—
88
—
dB
Acoustic noise floor
20 Hz–8 kHz, A-weighted
—
32
—
dB SPL
Electrical noise floor
20 Hz–8 kHz, A-weighted
—
–98
—
dBFS
PSR (with respect to VDD)
100 mV p-p, swept sine wave,
20 Hz–8 kHz, A-weighted
—
–90
—
dBFS
Frequency response
Frequency response
–3 dB low frequency
+3 dB high frequency
—
—
35
13
—
—
Hz
kHz
Frequency response flatness
200 Hz–8 kHz
–1
—
+1
dB
Digital I/O 3
3.Note that digital input pins should not be left unconnected or floating.
Input HIGH Level
0.65
VDD
—
—
V
Input LOW Level
—
—
0.35
VDD
V
Output HIGH Level
IOH = 1 mA 0.9 VDD
—
—
V
Output LOW Level
IOL = –1 mA
—
—
0.1
VDD
V
Input capacitance
—
3
5
pF
Input leakage
–1
—
1
A
Load capacitance (DATA)
—
—
200
pF
Miscellaneous
characteristics
Current consumption 4
4.Measured without a load on the DATA pin.
High Performance Mode, CLK = 3.072 MHz
Low Power Mode, CLK = 768 kHz
Standby Mode, CLK = 0 Hz
—
—
—
650
160
5
—
—
10
A
A
A
Startup time
From power applied to output within 0.5 dB
of sensitivity specification
—15—
ms
Mode-transition time
From Low Power Mode to High
Performance Mode
—10—
ms
CLK frequency range 5,6
5.High Performance and Low Power Modes are selected according to the CLK frequency.
6.Standby Mode is selected when the CLK input is stopped; this is a power-saving mode. Normal operation resumes automatically when the CLK input
frequency is within the specified operational limits. Note that the VDD supply is still required in Standby Mode.
High Performance Mode
Low Power Mode
Standby Mode
1.4
300
—
—
—
0
3.2
800
—
MHz
kHz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com