Electronic Components Datasheet Search
  English  ▼

X  

CS7250B Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic CS7250B Datasheet HTML 10Page - Cirrus Logic CS7250B Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS1072PP1
9
CS7250B
5 Applications Information
5 Applications Information
Cirrus Logic provides a range of audio codecs incorporating a digital microphone input interface; these support direct
connection to digital microphones such as the CS7250B.
Further information on Cirrus Logic audio codecs is provided in the respective product data sheet, which is available from
the Cirrus Logic website
5.1 Important Assembly Guidelines
Do not put a vacuum over the port hole of the microphone. Placing a vacuum over the port hole can damage the
device.
Do not board wash the microphone after a reflow process. Board washing and the associated cleaning agents can
damage the device.
Do not expose to ultrasonic cleaning methods.
Do not use a vapor phase reflow process. The vapor can damage the device.
Please refer to application note WAN0273 MEMS Mic Assembly and Handling Guidelines for further assembly and
handling guidelines.
5.2 PCB Land Pattern and Paste Stencil
The recommended PCB land pattern and paste stencil pattern for the CS7250B microphone are shown in Fig. 5-1 and
Fig. 5-2 respectively.
See also application note WAN0284 General Design Considerations for MEMS Microphones for further details of PCB
footprint design. Full definition of the package dimensions is provided in Section 6.
The recommended PCB land pattern is shown in Fig. 5-1.
Figure 5-1. PCB Land Pattern, Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com