Electronic Components Datasheet Search
  English  ▼

X  

CS7250B Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic CS7250B Datasheet HTML 10Page - Cirrus Logic CS7250B Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
DS1072PP1
CS7250B
3 Characteristics and Specifications
Table 3-5. Audio Interface Timing
The
following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.Digital microphone interface timing.
Symbol
Min
Typ
Max
Units
CLK cycle time
tCY
313
—
3333
ns
CLK duty cycle
—
60:40
—
40:60
—
CLK rise/fall time
—
—
—
6
ns
DATA enable time
From rising CLK edge, LRSEL = 0
From falling CLK edge, LRSEL = 1
tR_EN
tL_EN
14
14
—
—
—
—
ns
ns
DATA valid time
From rising CLK edge, LRSEL = 0
From falling CLK edge, LRSEL = 1
tR_DV
tL_DV
20
20
—
—
90
90
ns
ns
DATA disable time
From falling CLK edge, LRSEL = 0
From rising CLK edge, LRSEL = 1
tR_DIS
tL_DIS
—
—
—
—
10
10
ns
ns
Notes:
• The DATA output is high-impedance when not outputting data; this enables the outputs of two microphones to be connected together with
the data from one microphone interleaved with the data from the other. (The microphones must be configured to transmit on opposite
channels in this case.)
• In a typical configuration, the left channel is transmitted following the rising CLK edge (LRSEL = 1). In this case, the left channel should be
sampled by the receiving device on the falling CLK edge.
• Similarly, the right channel is typically transmitted following the falling CLK edge (LRSEL = 0). In this case, the right channel should be
sampled by the receiving device on the rising CLK edge.
• The CS7250B operating mode is selected according to the CLK frequency; see Table 3-4 for further details.
tL_EN
CLK
(input)
tL_DIS
tR_EN
tR_DIS
tCY
DATA is high-impedance (Hi-Z) when not outputting data
DATA
(LRSEL = 1)
DATA
(LRSEL = 0)
tR_DV
tL_DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com