Electronic Components Datasheet Search
  English  ▼

X  

CS7250B Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic CS7250B Datasheet HTML 10Page - Cirrus Logic CS7250B Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
DS1072PP1
CS7250B
6 Package Dimension
The recommended PCB paste stencil pattern is shown in Fig. 5-2.
Figure 5-2. PCB Paste Stencil, Top View
6 Package Dimension
7 Ordering Information
Table 7-1. Ordering Information
Product
Description
Package
Halogen
Free
Pb
Free
Grade
Temperature
Range
Container
Order #
CS7250B
Digital MEMS
Microphone with High
Performance and Low
Power Modes
LGA
Yes
Yes
Commercial
–40 to +85°C
Tape and
Reel 1
1.Reel quantity = 5000
CS7250B–CAZR
2.650
(2.290)
3.500
(3.140)
0.980
0.325 0.050
( 1.625)
( 1.025)
(2.240)
(1.390)
(R0.280)
1.040
1.325
4X (0.725)
4X (0.522)
(0.290)
2X (1.675)
0.488
2X (0.822)
2X (1.252)
0.100 C
0.150
CAB
4X
Pick Area
Top View
Unless otherwise specified, dimensions are in millimeters and tolerance is
0.100
Side View
1
2
3
4
5
Bottom View
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com