Electronic Components Datasheet Search
  English  ▼

X  

CS7250B Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 1 Page - Cirrus Logic

  CS7250B Datasheet HTML 1Page - Cirrus Logic CS7250B Datasheet HTML 2Page - Cirrus Logic CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright
 Cirrus Logic, Inc. 2015–2017
(All Rights Reserved)
http://www.cirrus.com
DS1072PP1
MAY '17
Digital MEMS Microphone with
High Performance and Low Power Modes
Features
• High acoustic overload point (AOP, 131 dB SPL)
• High signal-to-noise ratio (SNR, 66 dB)
• Low variation in sensitivity (±1 dB)
• Low current consumption
— 650
A (High Performance Mode)
— 160
A (Low Power Mode)
—5
A (Standby Mode)
• PDM digital audio output
• Bottom-port LGA package
• 1.8-V supply
Description
The CS7250B is a high-performance digital MEMS
microphone, offering class-leading total harmonic distortion
(THD) performance, excellent SNR, and low power
consumption.
The CS7250B supports two operational modes, selected
according to the applied clock frequency. Low Power Mode
is ideal for always-on voice activity detection; High
Performance Mode is optimized for high fidelity recording.
The CS7250B incorporates a high-performance ADC,
which outputs a single-bit data stream using pulse density
modulation (PDM) encoding. The CS7250B supports
selectable left/right channel assignment for a two-channel
digital microphone interface, enabling efficient connection
of multiple microphones in stereo/array configurations.
The CS7250B is available in a 3.50 x 2.65 x 0.98-mm
bottom-port LGA package, with port diameter of 0.325 mm.
It is ideal for portable applications such as smartphones,
tablets, wearables and portable speech-recognition
devices.
Biasing
PDM
Digital 
Signal 
Processing
High 
Performance
Amp 
Ultralow 
Power ADC
CMOS ASIC
MEMS 
Transducer 
CLK
DATA
VDD
LRSEL
GND
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
CS7250B


Similar Part No. - CS7250B

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS725 CAMPBELL-CS725 Datasheet
441Kb / 2P
Snow Water Equivalent Sensor
10/20/2020
More results

Similar Description - CS7250B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
MEMS audio sensor omnidirectional digital microphone
28-Apr-2016
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
Infineon Technologies A...
IM69D120 INFINEON-IM69D120 Datasheet
1Mb / 16P
High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-20
IM69D130 INFINEON-IM69D130 Datasheet
2Mb / 16P
High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-19
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
digital microphone with multiple performance modes
July 2020 Rev 2
logo
Infineon Technologies A...
IM67D130A INFINEON-IM67D130A Datasheet
1Mb / 22P
AEC-Q103 qualified high performance digital XENSIV??MEMS microphone
Rev 1.00 18-05-2021
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
logo
Infineon Technologies A...
IM73D122V01 INFINEON-IM73D122V01 Datasheet
838Kb / 18P
Ultra-low noise high sensitivity digital XENSIVTM MEMS microphone
1.00 2022-08-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com