Electronic Components Datasheet Search
  English  ▼

X  

CS49530X Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 5 Page - Cirrus Logic

  CS49530X Datasheet HTML 1Page - Cirrus Logic CS49530X Datasheet HTML 2Page - Cirrus Logic CS49530X Datasheet HTML 3Page - Cirrus Logic CS49530X Datasheet HTML 4Page - Cirrus Logic CS49530X Datasheet HTML 5Page - Cirrus Logic CS49530X Datasheet HTML 6Page - Cirrus Logic CS49530X Datasheet HTML 7Page - Cirrus Logic CS49530X Datasheet HTML 8Page - Cirrus Logic CS49530X Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
5
2.1 Migrating from CS4953x3 to CS4953x4
• The recommended way to boot the DSP for normal operation is “master boot”. Refer to Chapter 1 of the
CS4953x4/CS4970x4 System Designer’s Guide. CS4953x4 supports slave boot mode as well (used for
programming the serial flash with the DSP code, through the SCP2 port).
• CS4953x4 DSPs are only available in 128 pin package.
• The serial flash chip select pin used is pin 14 (GPIO0) for master boot. Cirrus Logic recommends that at
least an 8-Mb serial flash device be used. Refer to CS4953x4/CS4970x4 System Designer’s Guide for a
list of flash types that are currently supported.
• CS4953x4 DSP family supports DSP Condenser and DSP Manager API for runtime control/host
communication. Refer to CS4953x4/CS4970x4 System Designer’s Guide for details.
2.2 Licensing
Licenses are required for all third party audio decoding/processing algorithms, including the application notes.
contact your local Cirrus Sales representative for more information.
3 Code Overlays
The suite of software available for the CS4953xx family consists of an operating system (OS) and a library of
overlays. The overlays have been divided into three main groups called Decoders, Matrix-processors, and
Post-processors. All software components are defined below:
• OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external memory,
processing host messages, calling audio-processing subroutines, error concealment, etc.
• Decoders - Any Module that initially writes data into the audio I/O buffers, e.g. AC-3™, DTS, PCM, etc. All
the decoding/processing algorithms listed below require delivery of PCM or IEC61937-packed,
compressed data via I2S- or LJ-formatted digital audio to the CS4953xx.
• Matrix-processors - Any module that processes audio I/O buffer PCM data in-place before the Post-
processors. Generally speaking, these modules alter the number of valid channels in the audio I/O buffer
through processes like Virtualization (n
2 channels) or Matrix Decoding (2n channels). Examples are
Dolby ProLogic II, IIx, IIz and DTS Neo:6.
• Post-processors - Any module that processes audio I/O buffer PCM data in-place after the Matrix-
Processors. Examples are Bass Management, Audio Manager, Tone Control, EQ, Delay, Customer-
specific Effects, Dolby Headphone 2 and Dolby Virtual Speaker 2, etc.
The overlay structure reduces the time required to reconfigure the DSP when a processing change is
requested. Each overlay can be reloaded independently without disturbing the other overlays. For example,
when a new decoder is selected, the OS, matrix-, and post-processors do not need to be reloaded — only the
new decoder (the same is true for the other overlays).
Table 2 below lists the firmware available based on device selection. Refer to AN288, CS4953xx/CS497xxx
Firmware User’s Manual for the latest listing of application codes and Cirrus Framework™ modules available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com