Electronic Components Datasheet Search
  English  ▼

X  

CS49530X Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 8Page - Cirrus Logic CS49530X Datasheet HTML 9Page - Cirrus Logic CS49530X Datasheet HTML 10Page - Cirrus Logic CS49530X Datasheet HTML 11Page - Cirrus Logic CS49530X Datasheet HTML 12Page - Cirrus Logic CS49530X Datasheet HTML 13Page - Cirrus Logic CS49530X Datasheet HTML 14Page - Cirrus Logic CS49530X Datasheet HTML 15Page - Cirrus Logic CS49530X Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
12
5.7 Switching Characteristics—RESET
Figure 1. RESET Timing
5.8 Switching Characteristics — XTI
Figure 2. XTI Timing
Parameter
Symbol
Min
Max
Unit
RESET minimum pulse width low
Trstl
1—
μs
All bidirectional pins high-Z after RESET low
Trst2z
/m
100
ns
Configuration pins setup before RESET high
Trstsu
50
—
ns
Configuration pins hold after RESET high
Trsthld
20
—
ns
Parameter
Symbol
Min
Max
Unit
External Crystal operating frequency1
1. Part characterized with the following crystal frequency values: 12.288 and 24.576
Fxtal
12.288
24.576
MHz
XTI period
Tclki
41
81.4
ns
XTI high time
Tclkih
16.4
/m
ns
XTI low time
Tclkil
16.4
—
ns
External Crystal Load Capacitance (parallel resonant)2
2. CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals which require a CL outside
this range should be avoided. The crystal oscillator circuit design should follow the crystal manufacturer’s
recommendation for load capacitor selection.
CL
10
18
pF
External Crystal Equivalent Series Resistance
ESR
—
50
Ω
RESET#
T
rst2z
T
rstl
T
rstsu
T
rsthld
HS[3:0]
All Bidirectional
Pins
t clkih
t clkil
Tclki
XTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com