Electronic Components Datasheet Search
  English  ▼

X  

CS49530X Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 6Page - Cirrus Logic CS49530X Datasheet HTML 7Page - Cirrus Logic CS49530X Datasheet HTML 8Page - Cirrus Logic CS49530X Datasheet HTML 9Page - Cirrus Logic CS49530X Datasheet HTML 10Page - Cirrus Logic CS49530X Datasheet HTML 11Page - Cirrus Logic CS49530X Datasheet HTML 12Page - Cirrus Logic CS49530X Datasheet HTML 13Page - Cirrus Logic CS49530X Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
10
5.2 Recommended Operating Conditions
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
Note: It is recommended that the 3.3 V IO supply come up ahead of or simultaneously with the 1.8 V core supply.
5.3 Digital DC Characteristics
(Measurements performed under static conditions.)
5.4 Power Supply Characteristics
(measurements performed under operating conditions)
Parameter
Symbol
Min
Typ
Max
Unit
DC power supplies:
Core supply
PLL supply
I/O supply
|VDDA – VDDIO|
VDD
VDDA
VDDIO
1.71
3.13
3.13
1.8
3.3
3.3
0
1.89
3.46
3.46
V
V
V
V
Ambient operating temperature
Commercial Grade (CQZ/CVZ)
Automotive Grade (DQZ/DVZ)
TA
0
- 40
+25
+25
+ 70
+ 85
°C
Commercial
Automotive
Tj
0
-40
—+125
+125
ºC
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
—
—
V
Low-level input voltage, except XTI
VIL
——
0.8
V
Low-level input voltage, XTI
VILXTI
——
0.6
V
Input Hysteresis
Vhys
—0.4
—
V
High-level output voltage (IO = -4mA), except XTI,
SDRAM pins
VOH
VDDIO * 0.9
—
—
V
Low-level output voltage (IO = 4mA), except XTI, SDRAM
pins
VOL
——
VDDIO * 0.1
V
SDRAM High-level output voltage (IO = -8mA)
VOH
VDDIO * 0.9
—
—
V
SDRAM Low-level output voltage (IO = 8mA)
VOL
——
VDDIO * 0.1
V
Input leakage current (all digital pins with internal pull-up
resistors disabled)
IIN
——
5
μA
Input leakage current (all digital pins with internal pull-up
resistors enabled, and XTI)
IIN-PU
——
70
μA
Parameter
Min
Typ
Max
Unit
Power supply current:
Core and I/O operating: VDD1
PLL operating: VDDA
With external memory and most ports operating: VDDIO
1. Dependent on application firmware and DSP clock speed.
—
—
—
350
3.5
120
—
—
—
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com