Electronic Components Datasheet Search
  English  ▼

X  

CS49530X Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 4 Page - Cirrus Logic

  CS49530X Datasheet HTML 1Page - Cirrus Logic CS49530X Datasheet HTML 2Page - Cirrus Logic CS49530X Datasheet HTML 3Page - Cirrus Logic CS49530X Datasheet HTML 4Page - Cirrus Logic CS49530X Datasheet HTML 5Page - Cirrus Logic CS49530X Datasheet HTML 6Page - Cirrus Logic CS49530X Datasheet HTML 7Page - Cirrus Logic CS49530X Datasheet HTML 8Page - Cirrus Logic CS49530X Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
4
1 Documentation Strategy
The CS4953xx data sheet describes the CS4953xx family of multichannel audio decoders. This document
should be used in conjunction with the following documents when evaluating or designing a system around the
CS4953xx family of processors.
The scope of the CS4953xx data sheet is primarily the hardware specifications of the CS4953xx family of
devices. This includes hardware functionality, characteristic data, pinout, and packaging information.
The intended audience for the CS4953xx data sheet is the system PCB designer, MCU programmer, and the
quality control engineer.
2 Overview
The CS4953xx DSP Family, together with Cirrus Logic’s comprehensive library of audio processing algorithms
enables the development of next-generation audio solutions. There are two classes of devices in the
CS4953xx DSP family:
• CS4953x3 Class (ROM ID 3), comprising the CS495303 and the CS495313
• CS4953x4 Class (ROM ID 4), comprising the CS495304 and the CS495314
The primary difference between the CS4953x3 and the CS4953x4 classes is the support of the DSP
Condenser application on the CS4953x4 class of products only. The DSP Condenser is a tool set that enables
the DSP to automatically boot and configure itself from an external serial FLASH, thus reducing the traditional
heavy loading on the part of the system microcontroller. Because of the design time savings, enhanced tools
support, and better performance associated with the CS4953x4 product set, Cirrus Logic recommends that the
CS4953x4 family be used for all new designs. More information on the DSP Condenser can be found in the
CS4953x4/CS497xx System Designer’s Guide.
Within each ROM ID class (3, 4), the breakdown into two devices per class (CS49530x and CS49531x) is
based on the differences between the internal memory size and DSP firmware supported. Essentially, the
audio processing features of the CS49531x are a superset of audio features available in the CS49530x.
Table 2, “Device and Firmware Selection Guide,” on page 6 provides details of the differences between the two
product classes.
Note: The CS495303/04/14 is available in a 128-pin LQFP package and the CS495313 is available in a 128-pin
or 144-pin LQFP package.
Table 1. CS4953xx Related Documentation
Document Name
Description
CS4953xx Data Sheet
This document, which contains the hardware
specifications for the CS4953xx family
CS4953xx Hardware User’s Manual
Includes detailed system design information for
CS4953x3 product family, including Typical
Connection Diagrams, Boot-Procedures, Pin
Descriptions, etc.
CS495314/CS4970x4 System Designer’s Guide
A new consolidated documentation set for the
CS4953x4 product family that includes:
• Detailed system design information including typical
connection diagrams, boot procedures, pin
descriptions, etc. Also describes use of DSP
Condenser™ tool
• Detailed firmware design information including
signal processing flow diagrams and control API
information
AN288 - CS4953xx/CS4970x4 Firmware User’s Manual
Includes detailed firmware design information
including signal processing flow diagrams and control
API information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com