Electronic Components Datasheet Search
  English  ▼

X  

WM7216 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM7216
Description  Low Power Top Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7216 Datasheet(HTML) 5 Page - Cirrus Logic

  WM7216 Datasheet HTML 1Page - Cirrus Logic WM7216 Datasheet HTML 2Page - Cirrus Logic WM7216 Datasheet HTML 3Page - Cirrus Logic WM7216 Datasheet HTML 4Page - Cirrus Logic WM7216 Datasheet HTML 5Page - Cirrus Logic WM7216 Datasheet HTML 6Page - Cirrus Logic WM7216 Datasheet HTML 7Page - Cirrus Logic WM7216 Datasheet HTML 8Page - Cirrus Logic WM7216 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
WM7216E
Rev 4.0
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions: VDD=1.8V, 1kHz test signal, CLK=3.072MHz, CLOAD = 100pF, TA = 25°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Polarity
Positive sound pressure
Increasing density of 1s
Sensitivity
S
94dB SPL
-27
-26
-25
dBFS
Voice Mode: CLK=768kHz
Acoustic Overload
THD < 10%
120
dB SPL
Total Harmonic Distortion
THD
94dB SPL,
200Hz to 8kHz
0.05
%
118dB SPL,
200Hz to 8kHz
1
Signal to Noise Ratio
SNR
A-weighted,
200Hz to 8kHz
60
dB
Dynamic Range
DR
A-weighted,
200Hz to 8kHz
84
dB
Acoustic Noise Floor
A-weighted,
200Hz to 8kHz
34
dB SPL
Electrical Noise Floor
A-weighted,
200Hz to 8kHz
-86
dBFS
Power Supply Rejection
PSR
217Hz square wave,
100mV (peak-peak)
-70
dBFS
Hi-Fi Record Mode: CLK=3.072MHz
Acoustic Overload
THD < 10%
120
dB SPL
Total Harmonic Distortion
THD
94dB SPL
0.05
%
118dB SPL
1
Signal to Noise Ratio
SNR
A-weighted
63
dB
Dynamic Range
DR
A-weighted
87
dB
Acoustic Noise Floor
A-weighted
31
dB SPL
Electrical Noise Floor
A-weighted
-89
dBFS
Power Supply Rejection
PSR
217Hz square wave,
100mV (peak-peak)
-65
dBFS
Hi-Fi Record Mode (Ultrasonic operation): CLK=3.84MHz
Acoustic Overload
THD < 10%
120
dB SPL
Total Harmonic Distortion
THD
94dB SPL
0.05
%
118dB SPL
1
Signal to Noise Ratio
SNR
A-weighted
63
dB
Dynamic Range
DR
A-weighted
87
dB
Acoustic Noise Floor
A-weighted
31
dB SPL
Electrical Noise Floor
A-weighted
-89
dBFS
Power Supply Rejection
PSR
217Hz square wave,
100mV (peak-peak)
-65
dBFS
Frequency Response
Frequency Response
-3dB low frequency
62
Hz
+3dB high frequency
12000
Frequency Response Flatness
200Hz to 8kHz
-1
+1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com