Electronic Components Datasheet Search
  English  ▼

X  

WM7216 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM7216
Description  Low Power Top Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7216 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM7216 Datasheet HTML 6Page - Cirrus Logic WM7216 Datasheet HTML 7Page - Cirrus Logic WM7216 Datasheet HTML 8Page - Cirrus Logic WM7216 Datasheet HTML 9Page - Cirrus Logic WM7216 Datasheet HTML 10Page - Cirrus Logic WM7216 Datasheet HTML 11Page - Cirrus Logic WM7216 Datasheet HTML 12Page - Cirrus Logic WM7216 Datasheet HTML 13Page - Cirrus Logic WM7216 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
WM7216E
10
Rev 4.0
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
It is recommended to connect a 0.1µF decoupling capacitor between the VDD and GND pins of the
WM7216. A ceramic 0.1µF capacitor with X7R dielectric or better is suitable. The capacitor should be
placed as close to the WM7216 as possible.
OPTIMISED SYSTEM RF DESIGN
For optimised RF design please refer to document WAN0278 (Recommended PCB Layout for
Microphone RF Immunity in Mobile Cell Phone Applications) for further information.
CONNECTION TO A CIRRUS LOGIC AUDIO CODEC
Cirrus Logic provides a range of audio CODECs incorporating a digital microphone input interface;
these support direct connection to digital microphones such as the WM7216.
Stereo connection of two WM7216 digital microphones is illustrated in Figure 2.
Further information on Cirrus Logic audio CODECs is provided in the respective product datasheet,
which is available from the Cirrus Logic website.
VDD
CLK
DAT
LRSEL
CLK
DAT
LRSEL
0.1
F
0.1
F
Audio CODEC
DMICCLK
DMICDAT
VDD
GND
WM7216
VDD
GND
WM7216
VDD
Figure 2 Stereo WM7216 Digital Microphone Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com