Electronic Components Datasheet Search
  English  ▼

X  

WM7216 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM7216
Description  Low Power Top Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7216 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM7216 Datasheet HTML 2Page - Cirrus Logic WM7216 Datasheet HTML 3Page - Cirrus Logic WM7216 Datasheet HTML 4Page - Cirrus Logic WM7216 Datasheet HTML 5Page - Cirrus Logic WM7216 Datasheet HTML 6Page - Cirrus Logic WM7216 Datasheet HTML 7Page - Cirrus Logic WM7216 Datasheet HTML 8Page - Cirrus Logic WM7216 Datasheet HTML 9Page - Cirrus Logic WM7216 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
WM7216E
6
Rev 4.0
Test Conditions: VDD=1.8V, 1kHz test signal, CLK=3.072MHz, CLOAD = 100pF, TA = 25°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output
Input HIGH Level
VIH
VDD = 1.8V ±10%
0.65
VDD
V
Input LOW Level
VIL
VDD = 1.8V ±10%
0.35
VDD
V
Output HIGH Level
VOH
IOH = 1mA
0.9
VDD
V
Output LOW Level
VOL
IOL = -1mA
0.1
VDD
V
Input capacitance (CLK)
3.5
pF
Input leakage
-1
1
µA
Pull-down resistance (LRSEL)
2.5
M
Ω
Maximum load capacitance
(DAT)
CLOAD
150
pF
Short Circuit Output Current
DAT connected to GND
10
mA
Miscellaneous
Current Consumption
(no load connected)
IVDD
Sleep Mode,
CLK = 0Hz
10
µA
Voice Mode,
CLK = 768kHz
290
400
Hi-Fi Record Mode,
CLK = 3.072MHz
980
1250
Hi-Fi Record Mode,
CLK = 3.84MHz
1010
1300
Start-up time
from VDD applied to output
within specification
10
50
ms
from CLK applied to output
within specification
10
50
Impulse recovery time
from input sound pressure
below overload level to output
within specification
50
ms
CLK frequency
Sleep Mode
0
Hz
Voice Mode
300
800
kHz
Hi-Fi Record Mode
2.2
4.9
MHz
Mode selection time
4
CLK
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com