Electronic Components Datasheet Search
  English  ▼

X  

WM7216 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM7216
Description  Low Power Top Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7216 Datasheet(HTML) 4 Page - Cirrus Logic

  WM7216 Datasheet HTML 1Page - Cirrus Logic WM7216 Datasheet HTML 2Page - Cirrus Logic WM7216 Datasheet HTML 3Page - Cirrus Logic WM7216 Datasheet HTML 4Page - Cirrus Logic WM7216 Datasheet HTML 5Page - Cirrus Logic WM7216 Datasheet HTML 6Page - Cirrus Logic WM7216 Datasheet HTML 7Page - Cirrus Logic WM7216 Datasheet HTML 8Page - Cirrus Logic WM7216 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WM7216E
4
Rev 4.0
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Cirrus Logic tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL2A = out of bag storage for 4 weeks at <30°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply Voltage (VDD)
-0.3V
+4.2V
Voltage range digital inputs (LRSEL, CLK)
-0.3V
2.3V (see note)
Operating temperature range, TA
-40°C
+100°C
Storage temperature prior to soldering
30°C max / 60% RH max
Storage temperature after soldering
-40°C
+100°C
Note:
If VDD is above the minimum recommended operating level, the maximum input voltage is VDD + 0.3V.
IMPORTANT ASSEMBLY GUIDELINES
Do not put a vacuum over the port hole of the microphone. Placing a vacuum over the port hole can damage the device.
Do not board wash the microphone after a re-flow process. Board washing and the associated cleaning agents can damage the
device. Do not expose to ultrasonic cleaning methods.
Do not use vapour phase re-flow process. The vapour can damage the device.
Please refer to application note WAN0273 (MEMS MIC Assembly and Handling Guidelines) for further assembly and handling
guidelines.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
VDD Supply Range
VDD
1.62
1.8
2.0
V
Ground
GND
0
V
Clock Frequency
FCLK
0.3
4.9
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com