Electronic Components Datasheet Search
  English  ▼

X  

WM7216 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM7216
Description  Low Power Top Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7216 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM7216 Datasheet HTML 4Page - Cirrus Logic WM7216 Datasheet HTML 5Page - Cirrus Logic WM7216 Datasheet HTML 6Page - Cirrus Logic WM7216 Datasheet HTML 7Page - Cirrus Logic WM7216 Datasheet HTML 8Page - Cirrus Logic WM7216 Datasheet HTML 9Page - Cirrus Logic WM7216 Datasheet HTML 10Page - Cirrus Logic WM7216 Datasheet HTML 11Page - Cirrus Logic WM7216 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
WM7216E
8
Rev 4.0
AUDIO INTERFACE TIMING
tL_EN
CLK
(input)
tL_DIS
tR_EN
tR_DIS
tCY
DAT is high-impedance (hi-z) when not outputting data
DAT
(LRSEL = 1)
DAT
(LRSEL = 0)
tR_DV
tL_DV
Figure 1 Digital Microphone Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital Microphone Interface Timing
CLK cycle time
tCY
204
3333
ns
CLK duty cycle
fCLK <= 3.072MHz
60:40
40:60
fCLK > 3.072MHz
52:48
48:52
CLK rise/fall time
6
ns
DAT enable from rising CLK edge (LRSEL = 1)
tL_EN
24
ns
DAT valid from rising CLK edge (LRSEL = 1)
tL_DV
30
80
ns
DAT disable from falling CLK edge (LRSEL = 1)
tL_DIS
20
ns
DAT enable from falling CLK edge (LRSEL = 0)
tR_EN
24
ns
DAT valid from falling CLK edge (LRSEL = 0)
tR_DV
30
80
ns
DAT disable from rising CLK edge (LRSEL = 0)
tR_DIS
20
ns
Notes:
1.
The DAT output is high-impedance when not outputting data; this enables the outputs of two microphones to be connected
together with the data from one microphone interleaved with the data from the other. (The microphones must be configured to
transmit on opposite channels in this case.)
2.
In a typical configuration, the Left channel is transmitted following the rising CLK edge (LRSEL = 1). In this case, the Left
channel should be sampled by the receiving device on the falling CLK edge.
3.
Similarly, the Right channel is typically transmitted following the falling CLK edge (LRSEL = 0). In this case, the Right channel
should be sampled by the receiving device on the rising CLK edge.
4.
The WM7216 operating mode is selected according to the CLK frequency
; see “Acoustic and Electrical Characteristics” for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com