Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8804 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8804 Datasheet HTML 32Page - Cirrus Logic WM8804 Datasheet HTML 33Page - Cirrus Logic WM8804 Datasheet HTML 34Page - Cirrus Logic WM8804 Datasheet HTML 35Page - Cirrus Logic WM8804 Datasheet HTML 36Page - Cirrus Logic WM8804 Datasheet HTML 37Page - Cirrus Logic WM8804 Datasheet HTML 38Page - Cirrus Logic WM8804 Datasheet HTML 39Page - Cirrus Logic WM8804 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
WM8804
Production Data
w
PD, Rev 4.5, March 2009
36
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R13
RXCHAN1
0Dh
(read-only)
0
CON/PRO
0
0
Use Of Channel Status Block
0 = Consumer Mode
1 = Professional Mode
The WM8804 is a consumer mode device.
Detection of professional mode may give
erroneous behaviour.
1
AUDIO_N
1
0
Linear PCM Identification
0 = Data word represents audio PCM
samples.
1 = Data word does not represent audio
PCM samples.
2
CPY_N
2
0
Copyright Information
0 = Copyright is asserted for Rx data.
1 = Copyright is not asserted for Rx data.
3
DEEMPH
3
0
Additional Format Information
0 = Recovered S/PDIF data has no pre-
emphasis.
1 = Recovered S/PDIF data has pre-
emphasis.
5:4
Reserved
5:4
00
Reserved for additional de-emphasis modes.
7:6
CHSTMODE
[1:0]
7:6
00
Channel Status Mode
00 = Only valid mode for consumer
applications.
Table 40 S/PDIF Receiver Channel Status Register 1
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R14
RXCHAN2
0Eh
(read-only)
7:0
CATCODE
[7:0]
15:8
00000000
Category Code
Refer to S/PDIF specification (IEC 60958-3)
for full details.
0x00h indicates “general” mode.
Table 41 S/PDIF Receiver Channel Status Register 2
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R15
RXCHAN3
0Fh
(read-only)
3:0
SRCNUM
[3:0]
19:16
0000
S/PDIF Source Number
Refer to S/PDIF specification (IEC 60958-3)
for full details.
5:4
CHNUM1[1:0]
21:20
00
Channel Number for Sub-frame 1
00 = do not use channel number
01 = channel 1 to left channel
10 = channel 1 to right channel
7:6
CHNUM2[1:0]
23:22
00
Channel Number for Sub-frame 2
00 = do not use channel number
01 = channel 2 to left channel
10 = channel 2 to right channel
Table 42 S/PDIF Receiver Channel Status Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com