Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8804 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8804 Datasheet HTML 1Page - Cirrus Logic WM8804 Datasheet HTML 2Page - Cirrus Logic WM8804 Datasheet HTML 3Page - Cirrus Logic WM8804 Datasheet HTML 4Page - Cirrus Logic WM8804 Datasheet HTML 5Page - Cirrus Logic WM8804 Datasheet HTML 6Page - Cirrus Logic WM8804 Datasheet HTML 7Page - Cirrus Logic WM8804 Datasheet HTML 8Page - Cirrus Logic WM8804 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
WM8804
Production Data
w
PD, Rev 4.5, March 2009
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
SCLK
Digital In/Out
Control interface clock / GPO in hardware control mode. See note 2.
2
GPO0 / SWIFMODE
Digital In/Out
General purpose digital output or selected functionality at hardware reset.
See note 2.
3
SDIN / HWMODE
Digital Input
Control interface data input and hardware/software mode select at hardware
reset. See note 2.
4
SDOUT / GPO2
Digital In/Out
Control interface data output in 3-wire software control mode/ GPO in
hardware control mode or 2-wire software control mode. See note 2.
5
CSB / GPO1
Digital In/Out
Chip select / GPO in hardware control mode or 2-wire software control
Mode. See note 2
6
RESETB
Digital Input
System reset (active low)
7
PVDD
Supply
PLL core supply
8
PGND
Supply
PLL ground
9
CLKOUT
Digital Out
High drive clock output at 64fs, 128fs, 256fs and 512fs
10
XOP
Digital Output
Crystal output
11
XIN
Digital Input
Crystal input
12
DOUT
Digital Out
Audio interface data output
13
DIN
Digital In
Audio interface data input
14
BCLK
Digital In/Out
Audio interface bit clock
15
LRCLK
Digital In/Out
Audio interface left/right word clock
16
MCLK
Digital In/Out
Master clock input or output
17
TX0
Digital Out
S/PDIF transmit channel
18
DGND
Supply
Digital ground
19
DVDD
Supply
Digital core supply
20
RX0
Digital In
S/PDIF receive channel
Notes:
1.
Digital input pins have Schmitt trigger input buffers.
2.
Refer to Table 6 Device Configuration at Power up or Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com