Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8804 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8804 Datasheet HTML 40Page - Cirrus Logic WM8804 Datasheet HTML 41Page - Cirrus Logic WM8804 Datasheet HTML 42Page - Cirrus Logic WM8804 Datasheet HTML 43Page - Cirrus Logic WM8804 Datasheet HTML 44Page - Cirrus Logic WM8804 Datasheet HTML 45Page - Cirrus Logic WM8804 Datasheet HTML 46Page - Cirrus Logic WM8804 Datasheet HTML 47Page - Cirrus Logic WM8804 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
WM8804
Production Data
w
PD, Rev 4.5, March 2009
44
DIGITAL AUDIO INTERFACE
Audio data is transferred to and from the WM8804 via the digital audio interface. Data from the digital
audio interface transmitter may be passed to the S/PDIF transmitter or data from the S/PDIF receiver
may be output on the digital audio interface receiver. The digital audio interface can be powered
down using the AIFPD register bit described in Table 53.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
PWRDN
1Eh
5
AIFPD
1
Digital Audio Interface Power
Down
1 = Power down
0 = Power up
Table 53 Digital Audio Interface Power Down Control
MASTER AND SLAVE MODES
The audio interface operates in either slave or master mode, selectable using the AIF_MS bit (see
Table 55). In both master and slave modes DIN is always an input and DOUT is always an output.
The default is slave mode.
In slave mode (AIF_MS=0), LRCLK and BCLK are inputs. DIN and LRCLK are sampled on the rising
edge of BCLK. Data output, DOUT, changes on the falling edge of BCLK and the polarity of BCLK
may be reversed independently on the transmit and receive sides of the interface using the
AIFRX_BCP and AIFTX_BCP control bits, see Table 56.
In master mode (AIF_MS=1), LRCLK and BCLK are generated by the WM8804. As in slave mode,
DIN is sampled on the rising edge of BCLK, and DOUT changes on the falling edge of BCLK and the
polarity of BCLK may be reversed the transmit and receive sides of the interface with the
AIFRX_BCP and AIFTX_BCP control bits.
The frequencies of LRCLK are derived from MCLK and are dependant on the MCLKDIV control bit.
Table 54 shows the settings for MCLKDIV for common sample rates and MCLK frequencies.
SAMPLING
RATE
(LRCLK)
MASTER CLOCK (MCLK) FREQUENCY
(MHZ)
128fs
256fs
MCLKDIV = 1
MCLKDIV = 0
32kHz
4.096
8.192
44.1kHz
5.6448
11.2896
48kHz
6.144
12.288
96kHz
12.288
24.576
192kHz
24.576
Unavailable
Table 54 Master Mode LRCLK Frequency Selection
BCLK is also generated by the WM8804. The frequency of BCLK depends on the mode of operation.
In 128fs mode (MCLKDIV = 1) BCLK = MCLK/2. In 256fs mode (MCLKDIV = 0) BCLK = MCLK/4.
However if DSP mode is selected as the audio interface mode then BCLK=MCLK. Note that DSP
mode cannot be used in 128fs mode for data word lengths greater than 16-bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com