Electronic Components Datasheet Search
  English  ▼

X  

G570 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G570 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G570
Global Mixed-mode Technology Inc.
Terminal Functions
28 Pin
TERMINAL
NAME
NO.
I/O
DESCRIPTION
3.3V
14,15,16
I
3.3V VCC input for card power
5V
1,27,28
I
5V VCC input for card power and/or chip power
12V
6,23
I
12V VPP input for card power
AVCC
8,9,10
O
Switched output that delivers 0V,3.3V,5V or high impedance to card
AVPP
7
O
Switched output that delivers 0V,3.3V,5V,12V or high impedance to card
BVCC
19,20,21
O
Switched output that delivers 0V, 3.3V, 5V or high impedance
BVPP
22
O
Switch output that delivers 0V, 3.3V, 5V, 12V or high impedance
CLOCK
3
I
Logic-level clock for serial data word
DATA
2
I
Logic-level serial data word
GND
11
Ground
LATCH
4
I
Logic level latch for serial data word
NC
12,18,24,25,26
No internal connection
OC
17
O
Logic-level overcurrent. OC reports output that goes low when an overcurrent condition
exists
RESET
5
I
Logic-level RESET input active high. Do not connect if terminal 13 is used.
RESET
13
I
Logic-level RESET input active low. Do not connect if terminal 5 is used.
30 Pin
TERMINAL
NAME
NO.
I/O
DESCRIPTION
3.3V
15,16,17
I
3.3V VCC input for card power
5V
1,2,30
I
5V VCC input for card power and/or chip power
12V
7,24
I
12V VPP input for card power
AVCC
9,10,11
O
Switched output that delivers 0V,3.3V,5V or high impedance to card
AVPP
8
O
Switched output that delivers 0V,3.3V,5V,12V or high impedance to card
BVCC
20,21,22
O
Switched output that delivers 0V, 3.3V, 5V or high impedance
BVPP
23
O
Switch output that delivers 0V, 3.3V, 5V, 12V or high impedance
CLOCK
4
I
Logic level clock for serial data word
DATA
3
I
Logic level serial data word
GND
12
Ground
LATCH
5
I
Logic level latch for serial data word
NC
13,19,25,26,
27,28,29
No internal connection
OC
18
O
Logic-level overcurrent. OC reports output that goes low when an overcurrent condition
exists
RESET
6
I
Logic-level RESET input active high. Do not connect if terminal 14 is used.
RESET
14
I
Logic-level RESET input active low. Do not connect if terminal 6 is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com