Electronic Components Datasheet Search
  English  ▼

X  

G570 Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
12
G570
Global Mixed-mode Technology Inc.
ESD Protection
All
G570
inputs
and
outputs
incorporate
ESD-protection circuitry designed to withstand a 2kV
human-body-model
discharge
as
defined
in
MIL-STD-883C, Method 3015. The VCC and VPP out-
puts can be exposed to potentially higher discharges
from the external environment through the PC Card
connector. Bypassing the outputs with 0.1µF capaci-
tors protects the devices from discharges up to 10 kV.
Figure 4. Detailed Interconnections and Capacitor Recommendations
0.1µF
0.1µF
12V
12V
AVCC
AVCC
AVCC
BVCC
BVCC
BVCC
AVPP
AVPP
BVPP
BVPP
DATA
CLOCK
LATCH
RESET
RESET
OC
To CPU
System Voltage
Supervisor
or
PCI Bus Reset
0.1µF
0.1µF
V
CC
V
CC
PC Card
Connector A
V
PP1
V
PP2
PC Card
Connector B
V
PP2
V
PP1
V
CC
V
CC
DATA
CLOCK
LATCH
PCMCIA
Controller
CS
Shutdown Signal
From CPU
5V
3.3V
1µF
0.1µF
1µF
0.1µF
5V
5V
5V
3.3V
3.3V
3.3V
GND
G570
0.1µF
1µF
12V
(Ceramic)
(Ceramic)
(Ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com