Electronic Components Datasheet Search
  English  ▼

X  

G570 Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G570
Global Mixed-mode Technology Inc.
Logic Input and Outputs
The serial interface consists of DATA, CLOCK, and
LATCH leads. The data is clocked in on the positive
leading edge of the clock (see Figure 2). The 9-bit (D0
through D8) serial data word is loaded during the positive
edge of the latch signal. The latch signal should occur
before the next positive leading edge of the block.
The shutdown bit of the data word places all VCC and VPP
outputs in a high-impedance state and reduces chip qui-
escent current to 2µA to conserve battery power.
The G570 serial interface is designed to be compatible
with serial-interface PCMCIA controllers
and
current
PCMCIA and Japan Electronic Industry Development
Association (JEIDA) standards.
An overcurrent output ( OC ) is provided to indicate an
overcurrent condition in any of the VCC or VPP outputs as
previously discussed.
NOTE:MOSFET switches S9 and S12 have a back-gate diode from the source to the drain.
Unused switch inputs should never be grounded.
Figure 3 Internal Switching Matrix
Thermal
cs
cs
cs
cs
Card A
V
PP1
V
PP2
V
CC
V
CC
Card B
V
CC
V
CC
V
PP2
V
PP1
S7
S8
S9
See Note A
S10
S11
S12
See Note A
Internal
Current Monitor
RESET
RESET
DATA
CLOCK
LATCH
} Serial
Interface
OC
GND
Supervisor
Controller
CPU
3.3V
3.3V
3.3V
5V
5V
5V
12V
12V
S1
S2
S3
S4
S5
S6
G570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com