Electronic Components Datasheet Search
  English  ▼

X  

G570 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G570 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G570
Global Mixed-mode Technology Inc.
Parameter Measurement Information
Figure 1. Test Circuits and Voltage Waveforms
Table of Timing Diagrams
Note:Data is clocked in on the positive leading edge of the clock. The latch should occur before the next
positive leading edge of the clock. For definition of D0 to D8, see the control logic table.
Figure 2. Serial-Interface Timing
V
DD
GND
50%
90%
t
off
t
on
10%
V
I(12V)
GND
LATCH
V
O(xVPP)
V
PP
C
L
VOLTAGE WAVEFORMS
LOAD CIRCUIT
V
DD
GND
50%
90%
t
off
t
on
10%
V
I(5V)
GND
LATCH
V
O(xVCC)
V
CC
C
L
VOLTAGE WAVEFORMS
LOAD CIRCUIT
D7
D8
D6
D5
D4
D3
D2
D1
D0
DATA
LATCH
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com