Electronic Components Datasheet Search
  English  ▼

X  

G570 Datasheet(PDF) 14 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 14 Page - Global Mixed-mode Technology Inc

Back Button G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
14
G570
Global Mixed-mode Technology Inc.
G570 30Pin Package
Note:
1. Dimensional tolerance
±0.10mm
2. Plating thickness 5~15
µm
3. Dimensions “D” does not include burrs, however dimension including protrusions or
gate burrs
Shall be MAX. 0.20mm
4. Dimension “E1” does not include inter-lead flash or protrusion. Inter-lead flash or protrusion small not exceeds
0.25 per side.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.80
1.90
2.00
0.071
0.075
0.079
A1
0.05
0.10
0.15
0.002
0.004
.006
A2
1.75
1.80
1.85
0.069
0.071
0.073
b
0.25
0.30
0.35
0.010
0.012
0.014
C
0.10
0.15
0.20
0.004
0.006
0.008
D
10.10
10.15
10.20
0.398
0.400
.402
E
7.50
-----
7.90
0.295
-----
0.311
E1
5.20
5.25
5.30
0.205
0.207
0.209
L1
0.53
0.68
0.83
0.021
0.027
0.033
L
1.10
1.20
1.30
0.043
0.047
0.051
e
0.65 BSC
0.026BSC
θ
1
°
4
°
7
°
1º
4
°
7º
D
E
3.6
1.15
E1
e
b
A
A1
A2
L1
c
θ
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com