Electronic Components Datasheet Search
  English  ▼

X  

RT8092 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8092 Datasheet HTML 3Page - Richtek Technology Corporation RT8092 Datasheet HTML 4Page - Richtek Technology Corporation RT8092 Datasheet HTML 5Page - Richtek Technology Corporation RT8092 Datasheet HTML 6Page - Richtek Technology Corporation RT8092 Datasheet HTML 7Page - Richtek Technology Corporation RT8092 Datasheet HTML 8Page - Richtek Technology Corporation RT8092 Datasheet HTML 9Page - Richtek Technology Corporation RT8092 Datasheet HTML 10Page - Richtek Technology Corporation RT8092 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RT8092
7
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
the protection state. Using I
2C to shutdown the system
and then re-enable it will also unlatch UVP function. The
event is recorded in register 0x18.SCP. The record can
be reset with I
2C interface or automatically reset by re-
power-on AVDD.
EN
VOUT
Over-Current Protection (OCP)
The converter senses the current signal when the high-
side P-MOSFET turns on. As a result, The OCP is cycle-
by-cycle current limitation. If the OCP occurs, the converter
holds off the next on pulse until inductor current drops
below the OCP limit. The event is recorded in register
0x18.OCP. The record can be reset with I2C interface or
automatically reset by re-power-on AVDD. The OCP level
can be set with 0x16.IPEAK[1:0].
Over-Temperature Protection (OTP)
The converter has an over-temperature protection. When
the junction temperature is higher than the thermal
shutdown rising threshold, the system will be latched and
the output voltage will no longer be regulated until the
junction temperature drops under the falling threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com