Electronic Components Datasheet Search
  English  ▼

X  

RT8092 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT8092 Datasheet HTML 19Page - Richtek Technology Corporation RT8092 Datasheet HTML 20Page - Richtek Technology Corporation RT8092 Datasheet HTML 21Page - Richtek Technology Corporation RT8092 Datasheet HTML 22Page - Richtek Technology Corporation RT8092 Datasheet HTML 23Page - Richtek Technology Corporation RT8092 Datasheet HTML 24Page - Richtek Technology Corporation RT8092 Datasheet HTML 25Page - Richtek Technology Corporation RT8092 Datasheet HTML 26Page - Richtek Technology Corporation RT8092 Datasheet HTML 27Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
RT8092
23
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 8. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WL-CSP-15B 1.2x2 (BSC) package, the thermal
resistance,
θJA, is 51.9°C/W on a standard JEDEC 51-7
four-layer thermal test board. For WQFN-14L 3.5x3.5
package, the thermal resistance,
θJA, is 30°C/W on a
standard JEDEC 51-7 four-layer thermal test board. The
maximum power dissipation at TA = 25
°C can be calculated
by the following formula :
PD(MAX) = (125
°C − 25°C) / (51.9°C/W) = 1.92W for
WL-CSP-15B 1.2x2 package
PD(MAX) = (125
°C − 25°C) / (30°C/W) = 3.33W for
WQFN-14L 3.5x3.5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 8 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
WQFN-14L 3.5x3.5
WL-CSP-15B 1.2x2
Layout Consideration
For the best performance of the RT8092, the following
PCB layout guidelines must be strictly followed.
Place the input and output capacitors as close as
possible to the input and output pins respectively for
good filtering.
Keep the main power traces as wide and short as
possible.
The switching node area connected to LX and inductor
should be minimized for lower EMI.
Place the feedback components as close as possible
to the VOUT pin and keep these components away from
the noisy devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com