Electronic Components Datasheet Search
  English  ▼

X  

RT8092 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8092 Datasheet HTML 15Page - Richtek Technology Corporation RT8092 Datasheet HTML 16Page - Richtek Technology Corporation RT8092 Datasheet HTML 17Page - Richtek Technology Corporation RT8092 Datasheet HTML 18Page - Richtek Technology Corporation RT8092 Datasheet HTML 19Page - Richtek Technology Corporation RT8092 Datasheet HTML 20Page - Richtek Technology Corporation RT8092 Datasheet HTML 21Page - Richtek Technology Corporation RT8092 Datasheet HTML 22Page - Richtek Technology Corporation RT8092 Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
RT8092
19
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
I
2C Register Map
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
0x01
Meaning
SEN_TSD Reserved Reserved Reserved Reserved Reserved Reserved SEN_PG
Default
0
x
x
x
x
x
x
0
Read/Write
R
R
SEN_TSD
Report junction temperature > thermal shutdown threshold.
0 : TJ < 150C
1 : TJ > 150C
SEN_PG
Report VOUT Power GOOD or not.
0 : VOUT < 90% of target.
1 : VOUT is within nominal range.
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
0x10
Meaning
ENSEL1
VoutSEL1[6:0]
Default
1
1
1
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ENSEL1
When VSEL = High, it is used to gate the EN pin of the step-down converter. This m akes
the step-down converter can enable/disable by I
2
C and Software.
When EN pin = High and this bit = 1, step-down converter can be enabled. Otherwise,
step-down converter would be disabled.
0 : Disable (even if EN=High, step-down converter still cannot be enabled.)
1 : Enable
VoutSEL1[6:0]
When VSEL = High, it is used to set Vout voltage level.
Vout voltage level = (303.125mV + 3.125m V x VoutSEL1[6:0]) x 2 ^ (0x1C.VOUT_BANK1
[1:0])
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
0x11
Meaning
ENSEL0
VoutSEL0[6:0]
Default
1
0
1
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ENSEL0
When VSEL = Low, it is used to gate the EN pin of the step-down converter. This m akes
the step-down converter can enable/disable by I
2
C and Software.
When EN pin = High and this bit = 1, step-down converter can be enabled. Otherwise,
step-down converter would be disabled.
0 : Disable (even if EN=High, step-down converter still cannot be enabled.)
1 : Enable
VoutSEL0[6:0]
When VSEL = Low, it is used to set Vout voltage level.
Vout voltage level = (303.125mV + 3.125m V x VoutSEL0[6:0]) x 2 ^ (0x1D.VOUT_BANK0
[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com