Electronic Components Datasheet Search
  English  ▼

X  

RT8092 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8092 Datasheet HTML 12Page - Richtek Technology Corporation RT8092 Datasheet HTML 13Page - Richtek Technology Corporation RT8092 Datasheet HTML 14Page - Richtek Technology Corporation RT8092 Datasheet HTML 15Page - Richtek Technology Corporation RT8092 Datasheet HTML 16Page - Richtek Technology Corporation RT8092 Datasheet HTML 17Page - Richtek Technology Corporation RT8092 Datasheet HTML 18Page - Richtek Technology Corporation RT8092 Datasheet HTML 19Page - Richtek Technology Corporation RT8092 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
RT8092
16
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
of bulk capacitance is also a key for COUT selection to
ensure that the control loop is stable. Loop stability can
be checked by viewing the load transient response. The
output voltage ripple, VOUT, is determined by :

  


OUT
L
OSC
OUT
1
V
I
ESR +
8f
C
where fOSC is the switching frequency and IL is the inductor
ripple current.
The output voltage ripple will be the highest at the
maximum input voltage since IL increases with input
voltage. Multiple capacitors placed in parallel may be
needed to meet the ESR and RMS current handling
requirement. Ceramic capacitors have excellent low ESR
characteristics, but can have a high voltage coefficient
and audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to significant
ringing. Nevertheless, high value, low cost ceramic
capacitors are now becoming available in smaller case
sizes. Their high ripple current, high voltage rating and
low ESR make them ideal for switching regulator
applications.
VSEL Function Selection
Figure 5 shows the detailed logic of VSEL function. There
are several parameters can be set its initial condition,
such as output voltage, operation mode (Auto PSM/PWM
or Forced-PWM) and output voltage bank. Users can set
separately into VSEL high state and VSEL low state to
design the required performance.
Figure 5. VSEL Logic
0x11.ENSEL0
0x11.VoutSEL0[6:0]
0x10.VoutSEL1[6:0]
VoutSEL[6:0]
0x10.ENSEL1
ENSEL
DVS
VREF Control
Enable Control
Buck
Converter
0x14.PWM0
0x14.PWM1
EN
VSEL
PWM
FPWM
Auto
Mode Control
Chosen by VSEL
0x1D.VOUT_BANK0[1:0]
0x1C.VOUT_BANK1[1:0]
Feedback
Network
Feedback
Control
VOUT_BANK
MUX2
0
1
MUX2
0
1
MUX2
0
1
MUX2
0
1
MUX2
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com