Electronic Components Datasheet Search
  English  ▼

X  

RT8092 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8092 Datasheet HTML 8Page - Richtek Technology Corporation RT8092 Datasheet HTML 9Page - Richtek Technology Corporation RT8092 Datasheet HTML 10Page - Richtek Technology Corporation RT8092 Datasheet HTML 11Page - Richtek Technology Corporation RT8092 Datasheet HTML 12Page - Richtek Technology Corporation RT8092 Datasheet HTML 13Page - Richtek Technology Corporation RT8092 Datasheet HTML 14Page - Richtek Technology Corporation RT8092 Datasheet HTML 15Page - Richtek Technology Corporation RT8092 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
RT8092
12
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Typical Application Circuit for I2C Control for WQFN Package
Figure 4. Typical Application Circuit for Internal Resistor Control without I2C for WQFN Package
LX
GND
EN
SDA
0.33µH
SCL
VOUT
PVIN
VBAT
AVDD
VBAT
3
1
2
13
4
12, 15 (Exposed Pad)
RT8092
L1
VOUT
CIN2
1µF
CIN1
10µF
7, 8
6
Enable
RSCL
1k
RSDA
1k
I
2
C
VBAT
COUT
22µF
Load
GNDR
10, 11
VSEL
14
VOUT Select
R3
220
LX
GND
EN
SDA
0.33µH
SCL
VOUT
PVIN
VBAT
AVDD
VBAT
3
1
2
13
4
12, 15 (Exposed Pad)
RT8092
L1
VOUT
CIN2
1µF
CIN1
10µF
7, 8
6
Enable
COUT
22µF
Load
GNDR
10, 11
VSEL
14
VOUT Select
R3
220
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com