Electronic Components Datasheet Search
  English  ▼

X  

M1040 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M1040
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1040 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M1040 Datasheet HTML 1Page - Integrated Circuit Systems M1040 Datasheet HTML 2Page - Integrated Circuit Systems M1040 Datasheet HTML 3Page - Integrated Circuit Systems M1040 Datasheet HTML 4Page - Integrated Circuit Systems M1040 Datasheet HTML 5Page - Integrated Circuit Systems M1040 Datasheet HTML 6Page - Integrated Circuit Systems M1040 Datasheet HTML 7Page - Integrated Circuit Systems M1040 Datasheet HTML 8Page - Integrated Circuit Systems M1040 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M1040 Datasheet Rev 0.1
2 of 12
Revised 11Nov2003
Integr ate d Circuit Systems , In c. ● Comm unication s Modules ● www.icst.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M1040
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Preliminar y In f o r m atio n
PIN DESCRIPTIONS
Number
Name
I/O
Configuration
Description
1, 2, 3, 10, 14, 26
GND
Ground
Power supply ground connections.
4
9
OP_IN
nOP_IN
Input
External loop filter connections. See Figure 5,
External Loop Filter, on pg. 8.
5
8
nOP_OUT
OP_OUT
Output
6
7
nVC
VC
Input
11, 19, 33
VCC
Power
Power supply connection, connect to +3.3V.
12
13
FOUT1
nFOUT1
Output
No internal terminator
Clock output pair 1. Differential LVPECL.
15
16
FOUT0
nFOUT0
Output
No internal terminator
Clock output pair 0. Differential LVPECL.
17
INIT
Input
Internal pull-UP resistor1
Note 1: For typical values of internal pull-down and pull-up resistors, see
DC Characteristics on pg. 10.
Power-on Initialization; LVCMOS/LVTTL:
Logic 1 allows device to enter narrow mode if
selected (in addition must have 8 LOL=0 counts)
Logic 0 forced device into wide bandwidth mode.
18
P_SEL
Internal pull-down1
Post-PLL , P divider selection. LVCMOS/LVTTL.
See Table 4, P Divider Selector Values
and Frequencies, on pg. 3.
20
nDIF_REF1
Input
Biased to Vcc/2 2
Note 2: Biased to Vcc/2, with 50k
Ωto Vcc and 50kΩto ground. Float if using DIF_REF1 as LVCMOS input. See DC Characteristics on pg. 10.
Reference
clock input
pair 1.
Differential LVPECL/ LVDS
21
DIF_REF1
Internal pull-down resistor1
Differential LVPECL/ LVDS, or single
ended LVCMOS/ LVTTL
22
REF_SEL
Input
Internal pull-down resistor1
Reference clock input selection. LVCMOS/LVTTL.
Logic 1 selects DIF_REF1/nDIF_REF1 inputs
Logic 0 selects DIF_REF0/nDIF_REF0 inputs
23
nDIF_REF0
Input
Biased to Vcc/2 3
Note 3: Biased to Vcc/2, with 50k
Ωto Vcc and 50kΩto ground. Float if using DIF_REF0 as LVCMOS input. See DC Characteristics on pg. 10.
Reference
clock input
pair 0.
Differential LVPECL/ LVDS
24
DIF_REF0
Internal pull-down resistor1
Differential LVPECL/ LVDS, or single
ended LVCMOS/ LVTTL
25
AUTO
Input
Internal pull-down resistor1
Automatic/manual reselection mode for clock input:
Logic 1 automatic reselection upon clock failure
(non-revertive)
Logic 0 manual selection only (using REF_SEL)
27
28
29
MR_SEL2
MR_SEL1
MR_SEL0
Input
Internal pull-UP resistor1
M and R divider value selection. LVCMOS/ LVTTL.
See Table 3, M and R Divider Look-Up Tables (LUT)
on pg. 3.
30
REF_ACK
Output
Reference Acknowledgement pin for input mux state;
outputs the currently selected reference input pair:
Logic 1 indicates nDIF_REF1, DIF_REF1
Logic 0 indicates nDIF_REF0, DIF_REF0
31
LOL
Output
Loss of Lock indicator output. 4
Logic 1 indicates loss of lock.
Logic 0 indicates locked condition.
Note 4: See LVCMOS Outputs in DC Characteristics on pg. 10.
32
NBW
Input
Internal pull-UP resistor1
Narrow Bandwidth enable. LVCMOS/LVTTL:
Logic 1 - Narrow loop bandwidth, R
IN = 2100k
Ω.
Logic 0 - Wide bandwidth, R
IN = 100k
Ω.
34, 35, 36
DNC
Do Not Connect.
Table 2: Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com