Electronic Components Datasheet Search
  English  ▼

X  

M1040 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # M1040
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1040 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button M1040 Datasheet HTML 4Page - Integrated Circuit Systems M1040 Datasheet HTML 5Page - Integrated Circuit Systems M1040 Datasheet HTML 6Page - Integrated Circuit Systems M1040 Datasheet HTML 7Page - Integrated Circuit Systems M1040 Datasheet HTML 8Page - Integrated Circuit Systems M1040 Datasheet HTML 9Page - Integrated Circuit Systems M1040 Datasheet HTML 10Page - Integrated Circuit Systems M1040 Datasheet HTML 11Page - Integrated Circuit Systems M1040 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M1040 Datasheet Rev 0.1
8 of 12
Revised 11Nov2003
Integr ate d Circuit Systems , In c. ● Comm unication s Modules ● www.icst.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M1040
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Preliminar y In f o r m atio n
Power-Up Initialization Function (INIT Pin)
The initialization function provides a short-term override
of the narrow bandwidth mode when the device is
powered up in order to facilitate phase locking.
When INIT is set to logic 1, initialization is enabled. With
NBW
set to logic 1 (narrow bandwidth mode), the
initialization function puts the PLL into wide bandwidth
mode until eight consecutive phase detector cycles
occur without a single LOL event. Once the eight valid
PLL locked states have occurred, the PLL bandwidth is
automatically reduced to narrow bandwidth mode.
When INIT is logic 0, the device is forced into wide
bandwidth mode unconditionally.
External Loop Filter
The M1040 requires the use of an external loop filter
components. These are connected to the provided filter
pins (see Figure 5).
Because of the differential signal path design, the
implementation consists of two identical
complementary RC filters as shown in
Figure 5.
Figure 5: External Loop Filter
PLL bandwidth is affected by the total “M” (feedback
divider) value, loop filter component values, and other
device parameters. See Table 6, Example External
Loop Filter Component Values, below.
PLL Simulator Tool Available
A free PC software utility is available on the ICS website
(www.icst.com). The M2000 Timing Modules PLL
Simulator is a downloadable application that simulates
PLL jitter and wander transfer characteristics. This
enables the user to set appropriate external loop
component values in a given application.
For guidance on device or loop filter implementa-
tion, contact CMBU (Commercial Business Unit)
Product Applications at (508) 852-5400.
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
6
7
5
49
8
Example External Loop Filter Component Values1
for M1040-yz-155.5200
VCSO Parameters: KVCO = 200kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Device Configuration
Example External Loop Filter Comp. Values
Nominal Performance Using These Values
F
REF
(MHz)
F
VCSO
(MHz)
MR_SEL2:0
MDiv NBW
R
LOOP
C
LOOP
R
POST
C
POST
PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
19.44 2
155.52
0 0 0
8
0
6.8
k
Ω
10
µF
82
k
Ω
1000
pF
315
Hz
5.4
0.07
77.76 3
155.52
0 1 0
2
0
3.9
k
Ω
10
µF
33k
Ω
1000
pF
715
Hz
6.2
0.05
77.76 2
155.52
0 1 1
16
0
12
k
Ω
2.2
µF
82k
Ω
1000
pF
275
Hz
3.1
0.20
155.52 3
155.52
1 0 0
1
0
2.7
k
Ω
10
µF
47k
Ω
470
pF
980
Hz
6.0
0.05
155.52 2
155.52
1 0 1
8
0
5.6
k
Ω
4.7
µF
82k
Ω
1000
pF
260
Hz
3.0
0.20
Table 6: Example External Loop Filter Component Values
Note 1: K
VCO , VCSO Bandwidth, M Divider Value, and External Loop Filter Component Values determine Loop Bandwidth, Damping Factor,
and Passband Peaking. For PLL Simulator software, go to www.icst.com.
Note 2: Optimal for system clock filtering.
Note 3: Optimal for loop timing mode (LOL or Hitless Switching should not be used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com