Electronic Components Datasheet Search
  English  ▼

X  

M1040 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M1040
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1040 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M1040 Datasheet HTML 1Page - Integrated Circuit Systems M1040 Datasheet HTML 2Page - Integrated Circuit Systems M1040 Datasheet HTML 3Page - Integrated Circuit Systems M1040 Datasheet HTML 4Page - Integrated Circuit Systems M1040 Datasheet HTML 5Page - Integrated Circuit Systems M1040 Datasheet HTML 6Page - Integrated Circuit Systems M1040 Datasheet HTML 7Page - Integrated Circuit Systems M1040 Datasheet HTML 8Page - Integrated Circuit Systems M1040 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M1040 Datasheet Rev 0.1
5 of 12
Revised 11Nov2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.i cst. com ● tel (508) 852-5400
M1040
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
PLL Operation
The M1040 is a complete clock PLL. It uses a phase
detector and configurable dividers to synchronize the
output of the VCSO with the selected reference clock.
The “M” divider divides the VCSO output frequency,
feeding the result into the plus input of the phase
detector. The output of the “R” divider is fed into the
minus input of the phase detector. The phase detector
compares its two inputs. The phase detector output,
filtered externally, causes the VCSO to increase or
decrease in speed as needed to phase- and
frequency-lock the VCSO to the reference input.
The value of the M divider directly affects closed loop
bandwidth.
The relationship between the nominal VCSO center
frequency (Fvcso), the M divider, the R divider, and the
input reference frequency (Fin) is:
For the available M divider and R divider look-up table
combinations, Tables 3 and 4 on pg. 3 list the Total PLL
Ratio as well as Fin when using the M1040-11-155.5200.
(See “Ordering Information”, pg. 12
.)
Due to the narrow tuning range of the VCSO
(+200ppm), appropriate selection of all of the following
are required for the PLL be able to lock: VCSO center
frequency, input frequency, and divider selections.
Post-PLL Divider
The M1040 features a post-PLL (P) divider. By using
the P Divider, the device’s output frequency (Fout) can
be the VCSO center frequency (Fvcso) or 1/2 Fvcso.
The P_SEL pin selects the value for the P divider: logic 1
sets P to 2, logic 0 sets P to 1. (See Table 5 on pg. 6.)
When the P divider is included, the complete relation-
ship for the output frequency (Fout) is defined as:
Loss of Lock Indicator Output Pin
Under normal device operation, when the PLL is locked,
the LOL Phase Detector drives LOL to logic 0. Under
circumstances when the VCSO cannot lock to the input
(as measured by a greater than 4 ns discrepancy
between the feedback and reference clock rising edges
at the LOL Phase Detector) the LOL output goes to logic
1. The LOL pin will return back to logic 0 when the phase
detector error is less than 2 ns. The loss of lock
indicator is a low current LVCMOS output.
Guidelines Using LOL
As described, the LOL pin indicates when the PLL is
out-of-lock with the input reference. The LOL condition
is also used by the AutoSwitch circuit to detect a lost
reference, as described in following sections. LOL is
also used by the Hitless Switching and Phase Build-out
functions (optional device features). To ensure reliable
operation of LOL and guard against false out-of-lock
indications, the following conditions should be met:
• The phase detector frequency should be no less than
5MHz
, and preferably it should be 10MHz or greater.
Phase detector frequency is defined by Fin / R.
A higher phase detector frequency will result in lower
phase error and less chance of false triggering the
LOL phase detector. Refer to Tables 3 and 4 on pg. 3
for phase detector frequency when using the
M1040-11-155.5200
.
• The input reference should have an intrinsic jitter of
less than 1 ns pk-pk. If reference jitter is greater than
1 ns pk-pk, the LOL circuit might falsely trigger. Due
to this limitation, the LOL circuit should not be used in
loop timing mode, nor should it be used with a noisy
reference clock. Likewise, the AutoSwitch, Hitless
Switching, or Phase Build-out features should not be
used in loop timing mode or with a noisy reference
clock, since these features depend on LOL
.
Reference Acknowledgement (REF_ACK) Output
The REF_ACK (reference acknowledgement) pin outputs
the value of the reference clock input that is routed to
the phase detector. Logic 1 indicates input pair 1
(nDIF_REF1, DIF_REF1); logic 0 indicates input pair 0
(nDIF_REF0, DIF_REF0). The REF_ACK indicator is an
LVCMOS output.
Fvcso
Fin
M
R
----
×
=
Fout
Fvcso
P
-------------------
=
Fin
M
RP
×
------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com