Electronic Components Datasheet Search
  English  ▼

X  

MAX1127 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1127
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1127 Datasheet HTML 12Page - Maxim Integrated Products MAX1127 Datasheet HTML 13Page - Maxim Integrated Products MAX1127 Datasheet HTML 14Page - Maxim Integrated Products MAX1127 Datasheet HTML 15Page - Maxim Integrated Products MAX1127 Datasheet HTML 16Page - Maxim Integrated Products MAX1127 Datasheet HTML 17Page - Maxim Integrated Products MAX1127 Datasheet HTML 18Page - Maxim Integrated Products MAX1127 Datasheet HTML 19Page - Maxim Integrated Products MAX1127 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Quad, 12-Bit, 65Msps, 1.8V ADC with
Serial LVDS Outputs
16
______________________________________________________________________________________
LVDS/SLVS
OUTPUT
DRIVERS
REFERENCE
SYSTEM
PLL
6x
CLOCK
CIRCUITRY
POWER CONTROL
REFIO
INTREF
IN0P
IN0N
IN1P
IN1N
IN2P
IN2N
IN3P
IN3N
CLK
PDALL PD0
PD1
PD2
PD3
OUT0P
OUT0N
OUT1P
OUT1N
OUT2P
OUT2N
OUT3P
OUT3N
CLKOUTP
CLKOUTN
OVDD
AVDD
GND
CVDD
PLL3
PLL0 PLL1 PLL2
T/B
LVDSTEST
FRAMEP
FRAMEN
DT
OUTPUT
CONTROL
MAX1127
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
SLVS/LVDS
Functional Diagram
PIN
NAME
FUNCTION
64
LVDSTEST
LVDS Test Pattern Enable Input. Drive LVDSTEST high to enable the output test pattern
(000010111101 MSB
→LSB). As with the analog conversion results, the test pattern data is output
LSB first. Drive LVDSTEST low for normal operation.
66
REFIO
Reference Input/Output. For internal reference operation (INTREF = GND), the reference output
voltage is 1.24V. For external reference operation (INTREF = AVDD), apply a stable reference voltage
at REFIO. Bypass to GND with a 0.1µF capacitor.
67
INTREF
Internal/External Reference Mode Select Input. For internal reference mode, connect INTREF directly
to GND. For external reference mode, connect INTREF directly to AVDD.
—EP
Exposed Paddle. EP is internally connected to GND. Externally connect EP to GND to achieve
specified performance.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com