Electronic Components Datasheet Search
  English  ▼

X  

MAX1127 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1127
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1127 Datasheet HTML 1Page - Maxim Integrated Products MAX1127 Datasheet HTML 2Page - Maxim Integrated Products MAX1127 Datasheet HTML 3Page - Maxim Integrated Products MAX1127 Datasheet HTML 4Page - Maxim Integrated Products MAX1127 Datasheet HTML 5Page - Maxim Integrated Products MAX1127 Datasheet HTML 6Page - Maxim Integrated Products MAX1127 Datasheet HTML 7Page - Maxim Integrated Products MAX1127 Datasheet HTML 8Page - Maxim Integrated Products MAX1127 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Quad, 12-Bit, 65Msps, 1.8V ADC with
Serial LVDS Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 1.8V, GND = 0, external VREFIO = 1.24V, INTREF = AVDD, CREFIO to GND = 0.1µF,
fCLK = 65MHz (50% duty cycle), DT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to GND.........................................................-0.3V to +2.0V
CVDD to GND ........................................................-0.3V to +3.6V
OVDD to GND ........................................................-0.3V to +2.0V
IN_P, IN_N to GND...................................-0.3V to (AVDD + 0.3V)
CLK to GND .............................................-0.3V to (CVDD + 0.3V)
OUT_P, OUT_N, FRAME_,
CLKOUT_ to GND................................-0.3V to (OVDD + 0.3V)
DT, SLVS/LVDS to GND ...........................-0.3V to (AVDD + 0.3V)
PLL0, PLL1, PLL2, PLL3 to GND .............-0.3V to (AVDD + 0.3V)
PD0, PD1, PD2, PD3, PDALL to GND......-0.3V to (AVDD + 0.3V)
T/B, LVDSTEST to GND ...........................-0.3V to (AVDD + 0.3V)
REFIO, INTREF to GND............................-0.3V to (AVDD + 0.3V)
I.C. to GND...............................................-0.3V to (AVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
68-Pin QFN 10mm x 10mm x 0.9mm
(derated 41.7mW/°C above +70°C)........................3333.3mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature Range (soldering, 10s)......................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
N
12
Bits
Integral Nonlinearity
INL
(Note 2)
±0.4
LSB
Differential Nonlinearity
DNL
(Note 2)
±0.25
LSB
Offset Error
Fixed external reference (Note 2)
±1
% FS
Gain Error
Fixed external reference (Note 2)
±1.5
% FS
ANALOG INPUTS (IN_P, IN_N)
Input Differential Range
VID
Differential input
1.4
VP-P
Common-Mode Voltage Range
VCMO
(Note 3)
0.75
V
Differential Input Impedance
RIN
Switched capacitor load
2
kΩ
Differential Input Capacitance
CIN
12.5
pF
CONVERSION RATE
Maximum Conversion Rate
fSMAX
65
MHz
Minimum Conversion Rate
fSMIN
16
MHz
Data Latency
6.5
Cycles
DYNAMIC CHARACTERISTICS (differential inputs, 4096-point FFT)
fIN = 5.3MHz at -0.5dBFS
69.7
fIN = 19.3MHz at -0.5dBFS, TA ≥ +25°C
66.6
69.6
Signal-to-Noise Ratio (Note 2)
SNR
fIN = 30.3MHz at -0.5dBFS
69.4
dB
fIN = 5.3MHz at -0.5dBFS
69.6
fIN = 19.3MHz at -0.5dBFS, TA ≥ +25°C
66.5
69.5
Signal-to-Noise and Distortion
(First Four Harmonics) (Note 2)
SINAD
fIN = 30.3MHz at -0.5dBFS
69.3
dB
fIN = 5.3MHz at -0.5dBFS
11.4
fIN = 19.3MHz at -0.5dBFS, TA ≥ +25°C
11.4
Effective Number of Bits (Note 2)
ENOB
fIN = 30.3MHz at -0.5dBFS
11.3
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com