Electronic Components Datasheet Search
  English  ▼

X  

MAX1127 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1127
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1127 Datasheet HTML 17Page - Maxim Integrated Products MAX1127 Datasheet HTML 18Page - Maxim Integrated Products MAX1127 Datasheet HTML 19Page - Maxim Integrated Products MAX1127 Datasheet HTML 20Page - Maxim Integrated Products MAX1127 Datasheet HTML 21Page - Maxim Integrated Products MAX1127 Datasheet HTML 22Page - Maxim Integrated Products MAX1127 Datasheet HTML 23Page - Maxim Integrated Products MAX1127 Datasheet HTML 24Page - Maxim Integrated Products MAX1127 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Quad, 12-Bit, 65Msps, 1.8V ADC with
Serial LVDS Outputs
______________________________________________________________________________________
21
Double Termination (DT)
As shown in Figure 8, the MAX1127 offers an optional,
internal 100Ω termination between the differential output
pairs (OUT_P and OUT_N, CLKOUTP and CLKOUTN,
FRAMEP and FRAMEN). In addition to the termination
at the end of the line, a second termination directly at
the outputs helps eliminate unwanted reflections down
the line. This feature is useful in applications where
trace lengths are long (>5in) or with mismatched
impedance. Drive DT high to select double termination,
or drive DT low to disconnect the internal termination
resistor (single termination). Selecting double termina-
tion increases the OVDD supply current (see the
Electrical Characteristics table).
Power-Down Modes
The MAX1127 offers two types of power-down inputs,
PD0–PD3 and PDALL. The power-down modes allow
the MAX1127 to use power efficiently by transitioning to
a low-power state when conversions are not required.
Independent Channel Power-Down (PD0–PD3)
PD0–PD3 control the power-down mode of each chan-
nel independently. Drive a power-down input high to
power down its corresponding input channel. For exam-
ple, to power down channel 1, drive PD1 high. Drive a
power-down input low to place the corresponding input
channel in normal operation. The differential output
impedance of a powered-down output channel is
approximately 378Ω, when DT is low. The output imped-
ance of OUT_P, with respect to OUT_N, is 100Ω when
DT is high. See the Electrical Characteristics table for
typical supply currents with powered-down channels.
The state of the internal reference is independent of the
PD0–PD3 inputs. To power down the internal reference
circuitry, drive PDALL high (see the Global Power-
Down (PDALL) section).
DIFFERENTIAL INPUT VOLTAGE (LSB)
-2045
+2047
+2045
-1 0 +1
-2047
0x800
0x801
0x802
0x803
0x7FF
0x7FE
0x7FD
0xFFF
0x000
0x001
FSR
FSR
1 LSB =2 x FSR
4096
FSR = 700mV x VREFIO
1.24V
Figure 6. Bipolar Transfer Function with Two’s Complement
Output Code (T/B = 0)
DIFFERENTIAL INPUT VOLTAGE (LSB)
-2045
+2047
+2045
-1 0 +1
-2047
0x000
0x800
0x002
0x003
0xFFF
0xFFE
0xFFD
0x7FF
0x800
0x801
FSR
FSR
1 LSB =2 x FSR
4096
FSR = 700mV x VREFIO
1.24V
Figure 7. Bipolar Transfer Function with Offset Binary Output
Code (T/B = 1)
MAX1127
100Ω
100Ω
OUT_P/
CLKOUTP/
FRAMEP
OUT_N/
CLKOUTN/
FRAMEN
DT
SWITCHES ARE CLOSED WHEN DT IS HIGH.
SWITCHES ARE OPEN WHEN DT IS LOW.
Z0 = 50Ω
Z0 = 50Ω
Figure 8. Double Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com