Electronic Components Datasheet Search
  English  ▼

X  

MAX1127 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1127
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1127 Datasheet HTML 1Page - Maxim Integrated Products MAX1127 Datasheet HTML 2Page - Maxim Integrated Products MAX1127 Datasheet HTML 3Page - Maxim Integrated Products MAX1127 Datasheet HTML 4Page - Maxim Integrated Products MAX1127 Datasheet HTML 5Page - Maxim Integrated Products MAX1127 Datasheet HTML 6Page - Maxim Integrated Products MAX1127 Datasheet HTML 7Page - Maxim Integrated Products MAX1127 Datasheet HTML 8Page - Maxim Integrated Products MAX1127 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Quad, 12-Bit, 65Msps, 1.8V ADC with
Serial LVDS Outputs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 1.8V, GND = 0, external VREFIO = 1.24V, INTREF = AVDD, CREFIO to GND = 0.1µF,
fCLK = 65MHz (50% duty cycle), DT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PDALL = 0, all channels
active
257
295
PDALL = 0, all channels
active, DT = 1
257
PDALL = 0, 1 channel active
82
PDALL = 0, PD[3:0] = 1111
23
mA
AVDD Supply Current
IAVDD
fIN =
19.3MHz at
-0.5dBFS
PDALL = 1, global power
down, PD[3:0] =1111, no
clock input
300
µA
PDALL = 0, all channels
active
56
65
PDALL = 0, all channels
active, DT = 1
72
PDALL = 0, 1 channel active
42
PDALL = 0, PD[3:0] = 1111
37
mA
OVDD Supply Current
IOVDD
fIN =
19.3MHz at
-0.5dBFS
PDALL = 1, global power-
down, PD[3:0] =1111, no
clock input
375
µA
CVDD Supply Current
ICVDD
CVDD is used only to bias ESD-protection
diodes on CLK input, Figure 2
0mA
Power Dissipation
PDISS
fIN = 19.3MHz at -0.5dBFS
563
648
mW
TIMING CHARACTERISTICS (Note 6)
Data Valid to CLKOUT Rise/Fall
tOD
fCLK = 65MHz, Figure 5 (Notes 6 and 7)
(tSAMPLE/
24)
- 0.15
tSAMPLE/
24
(tSAMPLE/
24)
+ 0.15
ns
CLKOUT Output Width High
tCH
Figure 5
tSAMPLE /
12
ns
CLKOUT Output Width Low
tCL
Figure 5
tSAMPLE /
12
ns
FRAME Rise to CLKOUT Rise
tCF
Figure 4 (Note 7)
(tSAMPLE/
24)
- 0.15
tSAMPLE/
24
(tSAMPLE/
24)
+ 0.15
ns
Sample CLK Rise to Frame Rise
tSF
Figure 4 (Notes 7 and 8)
(tSAMPLE/
2)
+0.9
(tSAMPLE/
2)
+1.3
(tSAMPLE/
2)
+1.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com